전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHYS67130CM 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRHYS67130CM
상세설명  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHYS67130CM 데이터시트(HTML) 6 Page - International Rectifier

  IRHYS67130CM_15 Datasheet HTML 1Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 2Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 3Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 4Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 5Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 6Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 7Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 8Page - International Rectifier IRHYS67130CM_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRHYS67130CM, 2N7588T3
Pre-Irradiation
6
www.irf.com
Fig 12. Maximum Drain Current Vs.
CaseTemperature
100KHz
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 11. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
VGS = 0V,
f = 1 MHz
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD , Source-to-Drain Voltage (V)
0.1
1
10
100
VGS = 0V
TJ = 150°C
TJ = 25°C
25
50
75
100
125
150
0
5
10
15
20
25
30
35
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE
0
10203040
5060
QG, Total Gate Charge (nC)
0
4
8
12
16
20
VDS = 80V
VDS = 50V
VDS = 20V
ID = 20A
FOR TEST CIRCUIT
SEE FIGURE 17


유사한 부품 번호 - IRHYS67130CM_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHYS67130CM IRF-IRHYS67130CM Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results

유사한 설명 - IRHYS67130CM_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com