전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL1451G-D16-T 데이터시트(PDF) 4 Page - Unisonic Technologies

부품명 TL1451G-D16-T
상세설명  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451G-D16-T 데이터시트(HTML) 4 Page - Unisonic Technologies

  TL1451G-D16-T Datasheet HTML 1Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 2Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 3Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 4Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 5Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 6Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 7Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 8Page - Unisonic Technologies TL1451G-D16-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 14
www.unisonic.com.tw
QW-R103-011.F
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Section
Frequency
F
CT=330pF, RT=10kΩ
200
kHz
Standard deviation of frequency
CT=330pF, RT=10kΩ
10%
Frequency Change with Voltage
Vcc=3.6V ~ 40V
1%
TA=-20C ~ 25C
-0.4
2
Frequency Change with Temperature
TA=25C ~ 85C
-0.2
2
%
Dead-Time Control Section
Input bias Current (DTC)
IIN(BIAS)
1
μA
Latch mode (source) Current (DTC)
-80
-145
μA
Latched Input Voltage (DTC)
VIN
IOUT=40A
2.3
V
Zero duty cycle
2.05
2.25
Input threshold Voltage at f=10kHz (DTC)
VIN(THR)
Maximum duty cycle
1.2
1.45
V
Error-Amplifier Section
Input Offset Voltage
VIN(OFF)
VOUT (FEEDBACK)=1.25V
6
mV
Input Offset Current
IIN(OFF)
VOUT (FEEDBACK)=1.25V
100
nA
Input Bias current
IIN(BIAS)
VOUT (FEEDBACK)=1.25V
160
500
nA
Common-Mode Input Voltage Range
VIN(CM)
Vcc=3.6V ~ 40V
1. 05~
1.45
V
Open-loop Voltage Amplification
RF=200kΩ
70
80
dB
Unity-gain Bandwidth
BG
1.5
MHz
Common-mode Rejection Ratio
RR
60
80
dB
Positive Output Voltage Swing
VOUT
Vref-0.1
V
Negative Output Voltage Swing
VOUT
1
V
Output (sink) Current (FEEDBACK)
IOUT(SIN)
VID=-0.1V, VOUT=1.25V
0.5
1.6
mA
Output (source) Current (FEEDBACK)
IOUT(SOU) VID=0.1V, VOUT=1.25V
-30
-40
μA
Output Section
Collector off-state Current
IOFF
VOUT=50V
10
μA
Output Saturation Voltage
VOUT(SAT) IOUT=10mA
1.2
2
V
Short-Circuit Output Current
IOUT(SHT) VOUT=6V
90
mA
PWM Comparator Section
Zero duty cycle
2.05
2.25
Input Threshold Voltage at f=10kHz
(FEEDBACK)
VI(THR)
Maximum duty cycle
1.2
1.45
V
TOTAL DEVICE
Standby Supply Current
ISTN-BY
Off-state
1.3
1.8
mA
Average Supply Current
RT=10kΩ
1.7
2.4
mA


유사한 부품 번호 - TL1451G-D16-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL1451G-D16-T UTC-TL1451G-D16-T Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

유사한 설명 - TL1451G-D16-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com