전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3500G-XX-AE3-R 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 UC3500G-XX-AE3-R
상세설명  HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500G-XX-AE3-R 데이터시트(HTML) 3 Page - Unisonic Technologies

  UC3500G-XX-AE3-R Datasheet HTML 1Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 2Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 3Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 4Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 5Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 6Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 7Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 8Page - Unisonic Technologies UC3500G-XX-AE3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UC3500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R502-072.I
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Output Voltage
VOUT
7
V
Input Voltage
VIN
7
V
LX Pin Voltage
VLX
7
V
LX Pin Output Current
ILX
Internally limited
Power Dissipation at 25°С
SOT-23/SOT-25
PD
160
mW
SOT-89
500
Derating Rate TA>25°С
SOT-23/SOT-25
1.6
°С/mW
SOT-89
5
Operating Temperature
TOPR
-25 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA = 25°С, unless otherwise specified.)
UC3500-2.5V
(VIN = 1.4V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
2.4
2.5
2.6
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.25
0.5
V
Supply Current
ISUPPLY
IOUT = 0
18
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
760
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 2.8V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
to be measure on LX pin
75
%
Efficiency
η
IOUT = 10mA
81
%
IOUT = 50mA
83
%
IOUT = 100mA
82
%
UC3500-2.7V
(VIN = 1.6V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
IOUT = 10mA
2.6
2.7
2.8
V
Start-up Voltage (VIN-VF) (Note)
VSTART
IOUT = 0
0.7
1.1
V
IOUT = 1mA
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT = 0
0.4
0.6
V
IOUT = 1mA
0.25
0.5
V
Supply Current
ISUPPLY
IOUT = 0
18
µA
Internal Switch RDS(ON)
RLX
ILX = 100mA
760
mΩ
Internal Leakage Current
ILX(LEAK)
VLX = 4V, VOUT = 3.0V
0.1
0.3
µA
Maximum Oscillator Frequency
fOSC
IOUT = 10mA
150
KHz
Oscillator Duty Cycle
Dty
to be measure on LX pin
75
%
Efficiency
η
IOUT = 10mA
82
%
IOUT = 50mA
83
%
IOUT = 100mA
82
%


유사한 부품 번호 - UC3500G-XX-AE3-R

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UC3500G-XX-AE3-R UTC-UC3500G-XX-AE3-R Datasheet
539Kb / 12P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500G-XX-AE3-R UTC-UC3500G-XX-AE3-R Datasheet
404Kb / 11P
   HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
More results

유사한 설명 - UC3500G-XX-AE3-R

제조업체부품명데이터시트상세설명
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
   18V, High Efficiency, DC-DC Step-Up Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com