전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX629 데이터시트(PDF) 4 Page - Maxim Integrated Products

부품명 MAX629
상세설명  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629 데이터시트(HTML) 4 Page - Maxim Integrated Products

  MAX629 Datasheet HTML 1Page - Maxim Integrated Products MAX629 Datasheet HTML 2Page - Maxim Integrated Products MAX629 Datasheet HTML 3Page - Maxim Integrated Products MAX629 Datasheet HTML 4Page - Maxim Integrated Products MAX629 Datasheet HTML 5Page - Maxim Integrated Products MAX629 Datasheet HTML 6Page - Maxim Integrated Products MAX629 Datasheet HTML 7Page - Maxim Integrated Products MAX629 Datasheet HTML 8Page - Maxim Integrated Products MAX629 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
4
_______________________________________________________________________________________
700
600
0
0
1
SUPPLY CURRENT
vs. INPUT VOLTAGE
500
400
300
100
INPUT VOLTAGE (V)
2
3
4
5
200
VIN = VCC
ICC
IIN
IIN
1.255
1.250
1.230
0
20
40
REFERENCE VOLTAGE
vs. REFERENCE LOAD CURRENT
1.245
1.240
REFERENCE LOAD CURRENT (
µA)
60
80
100 120
140 160
1.235
VIN = VCC = 5V
C4 = 0.47
µF
OUTPUT VOLTAGE RIPPLE
VOUT = +24V, ILOAD = 5mA
A: ISET = VCC, 20mV/div
B: ISET = GND, 20mV/div
A
B
10
µs/div
SHUTDOWN TRANSIENT
(POSITIVE CONFIGURATION)
VCC = VIN = 5V, RL = 4kΩ
50ms/div
5V
SHDN
0V
24V
VOUT
0V
LOAD-TRANSIENT RESPONSE
(ISET = VCC, ILIM = 500mA)
VOUT = +24V, ISET = VCC
A: LOAD CURRENT, 0mA TO 5mA, 2.5mA/div
B: VOUT, AC-COUPLED, 10mV/div
A
5mA
0mA
B
200
µs/div
LOAD-TRANSIENT RESPONSE
(ISET = GND, ILIM = 250mA)
VOUT = +24V, ISET = GND
A: LOAD CURRENT, 0mA TO 5mA, 2.5mA/div
B: VOUT, AC-COUPLED, 10mV/div
A
0mA
5mA
B
100
µs/div
SHUTDOWN TRANSIENT
(NEGATIVE CONFIGURATION)
START-UP DELAY, VCC = VIN = 5V, ILOAD = 5mA
20ms/div
VCC = VIN = 5V, RL = 4kΩ
50ms/div
5V
0V
0V
VOUT
-20V
SHDN
____________________________Typical Operating Characteristics (continued)
(SHDN = VCC , CREF = 0.1µF, TA = +25°C, unless otherwise noted.)


유사한 부품 번호 - MAX629

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629 Datasheet
1Mb / 12P
   28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
MAX629C/D MAXIM-MAX629C/D Datasheet
1Mb / 12P
   28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
MAX629ESA MAXIM-MAX629ESA Datasheet
1Mb / 12P
   28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
   28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results

유사한 설명 - MAX629

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
   28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
   HIGH-VOLTAGE INVERTING DC-DC CONVERTER
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
   Low Power DC/DC Boost Converter
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
   Low Power DC/DC Boost Converter
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com