전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17575Q3 데이터시트(PDF) 8 Page - Texas Instruments

부품명 CSD17575Q3
상세설명  CSD17575Q3 30-V N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CSD17575Q3 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CSD17575Q3_15 Datasheet HTML 4Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 5Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 6Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 7Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 8Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 9Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 10Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 11Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CSD17575Q3
SLPS489A – JUNE 2014 – REVISED AUGUST 2014
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q3 Package Dimensions
MILLIMETERS
INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.950
1.000
1.100
0.037
0.039
0.043
A1
0.000
0.000
0.050
0.000
0.000
0.002
b
0.280
0.340
0.400
0.011
0.013
0.016
b1
0.310 NOM
0.012 NOM
c
0.150
0.200
0.250
0.006
0.008
0.010
D
3.200
3.300
3.400
0.126
0.130
0.134
D2
1.650
1.750
1.800
0.065
0.069
0.071
d
0.150
0.200
0.250
0.006
0.008
0.010
d1
0.300
0.350
0.400
0.012
0.014
0.016
E
3.200
3.300
3.400
0.126
0.130
0.134
E2
2.350
2.450
2.550
0.093
0.096
0.100
e
0.650 TYP
0.026
H
0.35
0.450
0.550
0.014
0.018
0.022
K
0.650 TYP
0.026 TYP
L
0.35
0.450
0.550
0.014
0.018
0.022
L1
0
0
0
0
θ
0
0
0
0
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD17575Q3


유사한 부품 번호 - CSD17575Q3_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD17575Q3_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com