์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

2SC3947 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

๋ถ€ํ’ˆ๋ช… 2SC3947
์ƒ์„ธ๋‚ด์šฉ  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ํ™ˆํŽ˜์ด์ง€  http://www.jmnic.com
Logo 

2SC3947 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2SC3947
CHARACTERISTICS
Tj=25โ„ƒ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ;RBE=โˆž
500
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ;IE=0
850
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=2.5A ;IB=0.5A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=2.5A ;IB=0.5A
1.5
V
ICBO
Collector cut-off current
VCE=800V; IE=0
TC=100โ„ƒ
0.1
1.0
mA
IEBO
Emitter cut-off current
VEB=6V ;IC=0
0.1
mA
hFE
DC current gain
IC=2.5A ; VCE=5V
10
30
fT
Transition frequency
IC=0.5A ; VCE=10V
20
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
70
pF
Switching times
tr
Rise time
0.5
ฮผs
tstg
Storage time
3.0
ฮผs
tf
Fall time
IC=2.5A ; VCC=250V
IB1=0.5A; IB2=-1A
0.3
ฮผs


Html Pages

1  2  3 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn