전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC1200BDUBR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 AMC1200BDUBR
상세설명  AMC1200/B Fully-Differential Isolation Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AMC1200BDUBR 데이터시트(HTML) 1 Page - Texas Instruments

  AMC1200BDUBR Datasheet HTML 1Page - Texas Instruments AMC1200BDUBR Datasheet HTML 2Page - Texas Instruments AMC1200BDUBR Datasheet HTML 3Page - Texas Instruments AMC1200BDUBR Datasheet HTML 4Page - Texas Instruments AMC1200BDUBR Datasheet HTML 5Page - Texas Instruments AMC1200BDUBR Datasheet HTML 6Page - Texas Instruments AMC1200BDUBR Datasheet HTML 7Page - Texas Instruments AMC1200BDUBR Datasheet HTML 8Page - Texas Instruments AMC1200BDUBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
0V
250mV
2.55V
2V
1.29V
2V
5V
3.3V
GND1
GND2
VDD1
VDD2
VOUTP
VOUTN
VINP
VINN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
AMC1200, AMC1200B
SBAS542D – APRIL 2011 – REVISED JULY 2015
AMC1200/B Fully-Differential Isolation Amplifier
1 Features
3 Description
The AMC1200 and AMC1200B are precision isolation
1
±250-mV Input Voltage Range Optimized for
amplifiers with an output separated from the input
Shunt Resistors
circuitry by a silicon dioxide (SiO2) barrier that is
Very Low Nonlinearity: 0.075% Maximum at 5 V
highly resistant to magnetic interference. This barrier
Low Offset Error: 1.5 mV Maximum
has been certified to provide galvanic isolation of up
to
4250
VPEAK
(AMC1200B)
or
4000
VPEAK
Low Noise: 3.1 mVRMS Typical
(AMC1200) according to UL1577 and VDE V 0884-
Low High-Side Supply Current:
10. Used in conjunction with isolated power supplies,
8 mA Maximum at 5 V
these devices prevent noise currents on a high
Input Bandwidth: 60 kHz Minimum
common mode voltage line from entering the local
ground and interfering with or damaging sensitive
Fixed Gain: 8 (0.5% accuracy)
circuitry.
High Common Mode Rejection Ratio: 108 dB
The input of the AMC1200 or AMC1200B is optimized
3.3-V Operation on Low-Side
for direct connection to shunt resistors or other low
Certified Galvanic Isolation:
voltage
level
signal
sources.
The
excellent
UL1577 and VDE V 0884-10 Approved
performance of the device supports accurate current
control resulting in system-level power saving and,
Isolation Voltage: 4250 VPEAK (AMC1200B)
especially in motor-control applications, lower torque
Working Voltage: 1200 VPEAK
ripple. The common mode voltage of the output
Transient Immunity: 10 kV/µs Minimum
signal is automatically adjusted to either the 3-V or
5-V low-side supply.
Typical 10-Year Lifespan at Rated Working
Voltage (see Application Report SLLA197)
The AMC1200 and AMC1200B are fully specified
Fully Specified Over the Extended Industrial
over the extended industrial temperature range of
Temperature Range
–40°C to 105°C and are available in a wide-body
SOIC-8 package (DWV) and a gullwing-8 package
(DUB).
2 Applications
Shunt Resistor Based Current Sensing in:
Device Information(1)
Motor Control
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Green Energy
SOP (8)
9.50 mm × 6.57 mm
AMC1200,
AMC1200B
Frequency Inverters
SOIC (8)
5.85 mm × 7.50 mm
Uninterruptible Power Supplies
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - AMC1200BDUBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results

유사한 설명 - AMC1200BDUBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com