전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC1200SDUB 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 AMC1200SDUB
상세설명  AMC1200/B Fully-Differential Isolation Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AMC1200SDUB 데이터시트(HTML) 5 Page - Texas Instruments

  AMC1200SDUB Datasheet HTML 1Page - Texas Instruments AMC1200SDUB Datasheet HTML 2Page - Texas Instruments AMC1200SDUB Datasheet HTML 3Page - Texas Instruments AMC1200SDUB Datasheet HTML 4Page - Texas Instruments AMC1200SDUB Datasheet HTML 5Page - Texas Instruments AMC1200SDUB Datasheet HTML 6Page - Texas Instruments AMC1200SDUB Datasheet HTML 7Page - Texas Instruments AMC1200SDUB Datasheet HTML 8Page - Texas Instruments AMC1200SDUB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
6.5 Electrical Characteristics
All minimum/maximum specifications at TA = –40°C to 105°C and within the specified voltage range, unless otherwise noted.
Typical values are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Maximum input voltage before
VINP – VINN
±320
mV
clipping
Differential input voltage
VINP – VINN
–250
250
mV
VCM
Common mode operating range
–0.16
VDD1
V
VOS
Input offset voltage
–1.5
±0.2
1.5
mV
TCVOS
Input offset thermal drift
–10
±1.5
10
µV/K
VIN from 0 V to 5 V at 0 Hz
108
dB
CMRR
Common mode rejection ratio
VIN from 0 V to 5 V at 50 kHz
95
dB
CIN
Input capacitance to GND1
VINP or VINN
3
pF
CIND
Differential input capacitance
3.6
pF
RIN
Differential input resistance
28
k
Small-signal bandwidth
60
100
kHz
OUTPUT
Nominal gain
8
Initial, at TA = 25°C
–0.5%
±0.05%
0.5%
GERR
Gain error
–1%
±0.05%
1%
TCGERR
Gain error thermal drift
±56
ppm/K
4.5 V
≤ VDD2 ≤ 5.5 V
–0.075%
±0.015%
0.075%
Nonlinearity
2.7 V
≤ VDD2 ≤ 3.6 V
–0.1%
±0.023%
0.1%
Nonlinearity thermal drift
2.4
ppm/K
Output noise
VINP = VINN = 0 V
3.1
mVRMS
vs VDD1, 10-kHz ripple
80
dB
PSRR
Power-supply rejection ratio
vs VDD2, 10-kHz ripple
61
dB
Rise/fall time
0.5-V step, 10% to 90%
3.66
6.6
µs
0.5-V step, 50% to 10%, unfiltered output
1.6
3.3
µs
VIN to VOUT signal delay
0.5-V step, 50% to 50%, unfiltered output
3.15
5.6
µs
0.5-V step, 50% to 90%, unfiltered output
5.26
9.9
µs
CMTI
Common mode transient immunity VCM = 1 kV
10
15
kV/µs
2.7 V
≤ VDD2 ≤ 3.6 V
1.15
1.29
1.45
V
Output common mode voltage
4.5 V
≤ VDD2 ≤ 5.5 V
2.4
2.55
2.7
V
Short circuit current
20
mA
ROUT
Output resistance
2.5
Ω
POWER SUPPLY
VDD1
High-side supply voltage
4.5
5
5.5
V
VDD2
Low-side supply voltage
2.7
5
5.5
V
IDD1
High-side supply current
5.4
8
mA
2.7 V < VDD2 < 3.6 V
3.8
6
mA
IDD2
Low-side supply current
4.5 V < VDD2 < 5.5 V
4.4
7
mA
PDD1
High-side power dissipation
27
44
mW
2.7 V < VDD2 < 3.6 V
11.4
21.6
mW
PDD2
Low-side power dissipation
4.5 V < VDD2 < 5.5 V
22
38.5
mW
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC1200 AMC1200B


유사한 부품 번호 - AMC1200SDUB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AMC1200SDUB TI1-AMC1200SDUB Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
AMC1200SDUB TI-AMC1200SDUB Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUBR TI1-AMC1200SDUBR Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results

유사한 설명 - AMC1200SDUB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com