전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF250APA12-H1C2F 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 UF250APA12-H1C2F
상세설명  AC IMPELLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

UF250APA12-H1C2F 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  UF250APA12-H1C2F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
(259 dia. x 131 mm)
10.20 dia. x 5.15 inches
Features:
integrated mounting plate acts
as inlet ring
Operating voltage: 115 or 230 VAC
Operating temp.
-40° ~ 50°C
Construction:
aluminum die cast motor base;
UL94V-0 reinforced nylon
impeller
Bearing option:
ball bearing
Motor:
permanent split capacitor
required capacitor included
Air Flow:
centrifugal
Connection:
AWM 2517 lead wires
Protection:
thermal
0
100
200
AIR FLOW (CFM)
300
400
500
600
700
0.5
1.0
1.5
2.0
3.0
2.5
1
2
1 = 60 Hz
2 = 50 Hz
UF250APA-F series
ø10
.20
±
0.0
2
(ø2
59 ±
0.5
)
ø9
.45
(ø2
40
)
4.24
(107.6)
0.13
(3.2)
5.15 ±0.02
(130.9 ±0.5)
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Locked
Cur.
A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
kg
M³/Min. CFM MM
INCH
UF250APA12-H1C2F
115
50
170
1.50
3.10
2,600
18.5
653
61
2.4
71
3.3
115
60
240
2.10
3.00
2,700
19.3
681
78
3.1
72
3.3
UF250APA12-H1C2F
230
50
170
0.77
1.57
2,600
18.5
653
56
2.4
71
3.3
230
60
240
1.00
1.52
2,700
19.3
681
78
3.1
72
3.3
12.16.14


유사한 부품 번호 - UF250APA12-H1C2F

제조업체부품명데이터시트상세설명
logo
Mechatronics, Inc.
UF250APA12-H1C2F MECHATRONICS-UF250APA12-H1C2F Datasheet
466Kb / 1P
   AC IMPELLERS
More results

유사한 설명 - UF250APA12-H1C2F

제조업체부품명데이터시트상세설명
logo
Mechatronics, Inc.
UF225-99-APA MECHATRONICS-UF225-99-APA Datasheet
391Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF220APA12-H2C2A ETC2-UF220APA12-H2C2A Datasheet
390Kb / 1P
   AC IMPELLERS
UF225(85)APA12-H1C2A ETC2-UF225(85)APA12-H1C2A Datasheet
376Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF175AMA MECHATRONICS-UF175AMA Datasheet
380Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF180(55)APA12-H1C2A ETC2-UF180(55)APA12-H1C2A Datasheet
575Kb / 1P
   AC IMPELLERS
UF180BAB12-HC2-A ETC2-UF180BAB12-HC2-A Datasheet
349Kb / 1P
   AC IMPELLERS
UF225(69)APA12-H1C2A ETC2-UF225(69)APA12-H1C2A Datasheet
382Kb / 1P
   AC IMPELLERS
logo
Mechatronics, Inc.
UF220APA-F MECHATRONICS-UF220APA-F Datasheet
467Kb / 1P
   AC IMPELLERS
UF400AAA MECHATRONICS-UF400AAA Datasheet
523Kb / 1P
   AC IMPELLERS
logo
List of Unclassifed Man...
UF190APA12-H1C2A ETC2-UF190APA12-H1C2A Datasheet
394Kb / 1P
   AC IMPELLERS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com