전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M40T 데이터시트(PDF) 4 Page - Nell Semiconductor Co., Ltd

부품명 M40T
상세설명  High current triac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

M40T 데이터시트(HTML) 4 Page - Nell Semiconductor Co., Ltd

  M40T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd M40T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd M40T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd M40T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd M40T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
www.nellsemi.com
Page 4 of 5
0.01
2
2
I
(A),l t(A s)
TSM
1.00
0.10
Fig.7 Relative variation of gate trigger, holding
and latching current versus junction
temperature.
Fig.9 Relative variation of critical rate of decrease
of main current versus (dV/dt)c.
0
50
100
150
200
250
1
10
100
1000
300
100
1000
10000
Fig.5 Surge peak on-state current versus number
of cycles.
350
400
450
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =70°C
c
Number of cycles
Fig.6 Non-repetitive surge peak on-state current
for a sinusoidal pulse and corresponding
2
value of l t.
t (ms)
p
2
I t
ITSM
dl/dt limitation
50A/µs
T initial =25°C
j
Pulse width tp <10 ms
10.00
l
,
l ,l [T ] / l
,l ,l [T =25°C]
GT H L
j
GT H L
j
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
140
T (°C)
j
Fig.8 Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values).
0.4
0.8
1.2
1.6
2.0
(dI/dt)c [(dV/dt)c] / specified (dI/dt)c
0.1
1.0
10.0
100.0
1.8
1.4
1.0
0.6
(dV/dt)c (V/µs)
(dI/dt)c [T ] /
j
(dI/dt)c [T specified]
j
0
1
2
3
4
6
5
0
25
50
75
100
125
T (°C)
j
I
(A)
TSM
l & l
H
L
lGT
Typical values
M40T Series


유사한 부품 번호 - M40T

제조업체부품명데이터시트상세설명
logo
Nell Semiconductor Co.,...
M40T NELLSEMI-M40T Datasheet
787Kb / 6P
   TRIACs
M40T100A NELLSEMI-M40T100A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
M40T100A NELLSEMI-M40T100A Datasheet
787Kb / 6P
   TRIACs
M40T100A-B NELLSEMI-M40T100A-B Datasheet
787Kb / 6P
   TRIACs
M40T120A NELLSEMI-M40T120A Datasheet
238Kb / 5P
   TRIACs, 40A Sunbberless
More results

유사한 설명 - M40T

제조업체부품명데이터시트상세설명
logo
Nell Semiconductor Co.,...
41T NELLSEMI-41T Datasheet
247Kb / 5P
   High current triac
60T NELLSEMI-60T Datasheet
302Kb / 4P
   High current triac
M55T NELLSEMI-M55T Datasheet
366Kb / 5P
   High current triac
20T NELLSEMI-20T Datasheet
595Kb / 5P
   Medium current triac
logo
STMicroelectronics
T1610T-8T STMICROELECTRONICS-T1610T-8T Datasheet
329Kb / 9P
   Medium current Triac
October 2014 Rev 1
T1610T-8FP STMICROELECTRONICS-T1610T-8FP Datasheet
357Kb / 9P
   Medium current Triac
February 2015 Rev 2
T1635T-8T STMICROELECTRONICS-T1635T-8T Datasheet
272Kb / 9P
   Medium current Triac
July 2014 Rev 3
BTA12-600BW STMICROELECTRONICS-BTA12-600BW Datasheet
140Kb / 12P
   Medium current triac
September 2007 Rev 9
T1635T-8FP STMICROELECTRONICS-T1635T-8FP Datasheet
269Kb / 9P
   Medium current Triac
January 2015 Rev 3
logo
Maxic Technology Corpor...
MT7626 MAXIC-MT7626 Datasheet
80Kb / 1P
   High Efficiency, TRIAC Dimmable Linear Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com