전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDC1050 데이터시트(PDF) 4 Page - Texas Instruments

부품명 HDC1050
상세설명  HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

HDC1050 데이터시트(HTML) 4 Page - Texas Instruments

  HDC1050_15 Datasheet HTML 1Page - Texas Instruments HDC1050_15 Datasheet HTML 2Page - Texas Instruments HDC1050_15 Datasheet HTML 3Page - Texas Instruments HDC1050_15 Datasheet HTML 4Page - Texas Instruments HDC1050_15 Datasheet HTML 5Page - Texas Instruments HDC1050_15 Datasheet HTML 6Page - Texas Instruments HDC1050_15 Datasheet HTML 7Page - Texas Instruments HDC1050_15 Datasheet HTML 8Page - Texas Instruments HDC1050_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
HDC1050
SNAS658B – MAY 2015 – REVISED JULY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VDD
-0.3
6
Input Voltage
SCL
-0.3
6
V
SDA
-0.3
6
Storage Temperature
TSTG
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply Voltage
2.7
3
5.5
V
TA, Temperature sensor
Ambient Operating Temperature
-40
125
°C
TA, Humidity sensor
Ambient Operating Temperature
-20
60
°C
7.4 Thermal Information
HDC1050
THERMAL METRIC(1)
PWSON
UNIT
DMB 6 PINS
RθJA
Junction-to-Ambient Thermal Resistance
49.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the: IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HDC1050


유사한 부품 번호 - HDC1050_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
More results

유사한 설명 - HDC1050_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com