전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPT3001 데이터시트(PDF) 7 Page - Texas Instruments

부품명 OPT3001
상세설명  Ambient Light Sensor (ALS)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPT3001 데이터시트(HTML) 7 Page - Texas Instruments

Back Button OPT3001_15 Datasheet HTML 3Page - Texas Instruments OPT3001_15 Datasheet HTML 4Page - Texas Instruments OPT3001_15 Datasheet HTML 5Page - Texas Instruments OPT3001_15 Datasheet HTML 6Page - Texas Instruments OPT3001_15 Datasheet HTML 7Page - Texas Instruments OPT3001_15 Datasheet HTML 8Page - Texas Instruments OPT3001_15 Datasheet HTML 9Page - Texas Instruments OPT3001_15 Datasheet HTML 10Page - Texas Instruments OPT3001_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Full-Scale Range (Lux)
0.980
0.990
1.000
1.010
1.020
40.95
81.9
163.8
327.6
655.2
1310.4 2620.8
1.000
1.001
1.001
0.997
0.997
1.002
1.002
D006
Input Illuminance (Lux)
0
1
2
3
4
5
0
1
2
3
4
5
D005
800ms
100ms
Input Illuminance (Lux)
0
10000 20000 30000 40000 50000 60000 70000 80000
0
10000
20000
30000
40000
50000
60000
70000
80000
D003
800ms
100ms
Input Illuminance (Lux)
0
20
40
60
80
100
0
20
40
60
80
100
D004
800ms
100ms
Wavelength (nm)
300
400
500
600
700
800
900
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
OPT3001
Human Eye
Input Illuminance (Lux)
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
400
450
500
D002
Fluorescent
Halogen
Incandescent
OPT3001
www.ti.com
SBOS681B – JULY 2014 – REVISED DECEMBER 2014
6.7 Typical Characteristics
At TA = 25°C, VDD = 3.3 V, 800-ms conversion time (CT = 1), automatic full-scale range (RN[3:0] = 1100b), white LED, and
normal-angle incidence of light, unless otherwise specified.
Figure 2. Spectral Response vs Wavelength
Figure 3. Output Response vs Input Illuminance, Multiple
Light Sources (Fluorescent, Halogen, Incandescent)
Figure 4. Output Response vs Input Illuminance
Figure 5. Output Response vs Input Illuminance
(Entire Range = 0 lux to 83k lux)
(Mid Range = 0 lux to 100 lux)
Input illuminance = 33 lux,
normalized to response of 40.95 lux full-scale
Figure 6. Output Response vs Input Illuminance
Figure 7. Full-Scale-Range Matching (Lowest 7 Ranges)
(Low Range = 0 lux to 5 lux)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPT3001


유사한 부품 번호 - OPT3001_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001DNPRQ1 TI1-OPT3001DNPRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001IDNPRQ1 TI1-OPT3001IDNPRQ1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

유사한 설명 - OPT3001_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
[Old version datasheet]   Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
OPT3005 TI-OPT3005 Datasheet
1Mb / 40P
[Old version datasheet]   OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras
DECEMBER 2022
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
[Old version datasheet]   OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com