전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPT9221ZVM 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 OPT9221ZVM
상세설명  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPT9221ZVM 데이터시트(HTML) 2 Page - Texas Instruments

  OPT9221ZVM Datasheet HTML 1Page - Texas Instruments OPT9221ZVM Datasheet HTML 2Page - Texas Instruments OPT9221ZVM Datasheet HTML 3Page - Texas Instruments OPT9221ZVM Datasheet HTML 4Page - Texas Instruments OPT9221ZVM Datasheet HTML 5Page - Texas Instruments OPT9221ZVM Datasheet HTML 6Page - Texas Instruments OPT9221ZVM Datasheet HTML 7Page - Texas Instruments OPT9221ZVM Datasheet HTML 8Page - Texas Instruments OPT9221ZVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
OPT9221
SBAS703A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Table of Contents
7.6
Register Maps ......................................................... 43
1
Features .................................................................. 1
8
Application and Implementation ........................ 97
2
Applications ........................................................... 1
8.1
Application Information............................................ 97
3
Description ............................................................. 1
8.2
Typical Application .................................................. 97
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 98
5
Pin Configuration and Functions ......................... 3
9.1
Power-Up Sequence ............................................... 98
6
Specifications....................................................... 10
10
Layout................................................................... 99
6.1
Absolute Maximum Ratings ................................... 10
10.1
Layout Guidelines ................................................. 99
6.2
ESD Ratings............................................................ 10
10.2
Layout Example .................................................. 100
6.3
Recommended Operating Conditions ..................... 11
11
Device and Documentation Support ............... 101
6.4
Thermal Information ................................................ 11
11.1
Device Support.................................................... 101
6.5
Electrical Characteristics......................................... 12
11.2
Documentation Support ...................................... 101
6.6
Timing Requirements .............................................. 12
11.3
Community Resources........................................ 101
7
Detailed Description ............................................ 14
11.4
Trademarks ......................................................... 101
7.1
Overview ................................................................. 14
11.5
Electrostatic Discharge Caution .......................... 101
7.2
Functional Block Diagram ....................................... 14
11.6
Glossary .............................................................. 101
7.3
Feature Description................................................. 15
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 38
Information ......................................................... 101
7.5
Programming........................................................... 38
4 Revision History
Changes from Original (June 2015) to Revision A
Page
Changed from Product Preview to Production Data .............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT9221


유사한 부품 번호 - OPT9221ZVM

제조업체부품명데이터시트상세설명
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

유사한 설명 - OPT9221ZVM

제조업체부품명데이터시트상세설명
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com