전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC1011PWR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TDC1011PWR
상세설명  TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TDC1011PWR 데이터시트(HTML) 3 Page - Texas Instruments

  TDC1011PWR Datasheet HTML 1Page - Texas Instruments TDC1011PWR Datasheet HTML 2Page - Texas Instruments TDC1011PWR Datasheet HTML 3Page - Texas Instruments TDC1011PWR Datasheet HTML 4Page - Texas Instruments TDC1011PWR Datasheet HTML 5Page - Texas Instruments TDC1011PWR Datasheet HTML 6Page - Texas Instruments TDC1011PWR Datasheet HTML 7Page - Texas Instruments TDC1011PWR Datasheet HTML 8Page - Texas Instruments TDC1011PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
NC
RX
VCOM
PGAIN
PGAOUT
TX
NC
GND
CLKIN
COMPIN
RTD1
RTD2
VIO
SDO
RREF
RES
ERRB
SDI
CSB
SCLK
START
STOP
LNAOUT
RESET
TRIGGER
EN
VDD
VDD
2
3
1
4
5
6
7
9
8
10
11
12
13
14
27
26
28
25
24
23
22
20
21
19
18
17
16
15
TDC1011
www.ti.com
SNAS662 – JULY 2015
5 Pin Configuration and Functions
TSSOP
(PW) 28 Pin
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
NC
1
No Connect (leave floating)
RX
2
I
Receive input
VCOM
3
P
Output common mode voltage bias
LNAOUT
4
O
Low noise amplifier output (for ac decoupling capacitor)
PGAIN
5
I
Programmable gain amplifier input
PGAOUT
6
O
Programmable gain amplifier output
COMPIN
7
I
Echo qualification and zero-crossing detector input
RTD1
8
O
Resistance temperature detector channel 1
RTD2
9
O
Resistance temperature detector channel 2
RREF
10
O
Reference resistor for temperature measurement
RES
11
I
Reserved (connect to GND)
ERRB
12
O
Error flag (open drain)
START
13
O
Start pulse output
STOP
14
O
Stop pulse output
EN
15
I
Enable (active high; when low the TDC1011 is in SLEEP mode)
TRIGGER
16
I
Trigger input
RESET
17
I
Reset (active high)
SCLK
18
I
Serial clock for the SPI interface
CSB
19
I
Chip select for the SPI interface (active low)
SDI
20
I
Serial data input for the SPI interface
SDO
21
O
Serial data output for the SPI interface
VIO
22
P
Positive I/O supply
VDD
23, 24
P
Positive supply; all VDD supply pins must be connected to the supply. Place a 100-nF bypass capacitor
to ground in close proximity to the pin.
CLKIN
25
I
Clock input
GND
26
G
Negative supply
NC
27
No Connect (leave floating)
TX
28
O
Transmit output
(1)
G = Ground, I = Input, O = Output, P = Power
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TDC1011


유사한 부품 번호 - TDC1011PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWQ1 TI-TDC1011QPWQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWRQ1 TI-TDC1011QPWRQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results

유사한 설명 - TDC1011PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com