전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX8885 데이터시트(PDF) 5 Page - Maxim Integrated Products

부품명 MAX8885
상세설명  150mA, Low-Dropout Linear Regulator with Power-OK Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8885 데이터시트(HTML) 5 Page - Maxim Integrated Products

  MAX8885 Datasheet HTML 1Page - Maxim Integrated Products MAX8885 Datasheet HTML 2Page - Maxim Integrated Products MAX8885 Datasheet HTML 3Page - Maxim Integrated Products MAX8885 Datasheet HTML 4Page - Maxim Integrated Products MAX8885 Datasheet HTML 5Page - Maxim Integrated Products MAX8885 Datasheet HTML 6Page - Maxim Integrated Products MAX8885 Datasheet HTML 7Page - Maxim Integrated Products MAX8885 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
150mA, Low-Dropout Linear Regulator
with Power-OK Output
_______________________________________________________________________________________
5
100
µs/div
LINE-TRANSIENT RESPONSE
5V
4V
3.00V
2.98V
3.02V
VIN
VOUT
MAX8885toc13
ROUT = 60
5
µs/div
LOAD-TRANSIENT RESPONSE
3.05V
3.0V
0
50mA
VOUT
25mV/div
ILOAD
25mA/div
MAX8885toc14
VIN = VOUT + 0.5V
CIN = 1
µF
100
µs/div
SHUTDOWN DELAY
3V
0
0
2V
VOUT
1V/div
MAX8885toc16
VSHDN
1V/div
RLOAD = 60
200
µs/div
POK OUTPUT
0
0
2V
3V
4V
VPOK
2V/div
VOUT
2V/div
MAX8885toc17
VIN
1V/div
10ms/div
POK STARTUP RESPONSE
5V
2.5V
0
2.5V
0
0
2.5V
5V
VPOK
2.5V/div
VOUT
2.5V/div
MAX8885toc18
VIN
2.5V/div
Typical Operating Characteristics (continued)
(MAX8885EUK30, VIN = +3.6V, CIN = 1µF, COUT = 4.7µF, SHDN = IN, TA = +25°C, unless otherwise noted.)
10
µs/div
POK AND SHUTDOWN RESPONSE
2V
0
2V
0
0
2V
4V
VPOK
VOUT
MAX8885toc19
VSHDN
RLOAD = 60
5
µs/div
LOAD-TRANSIENT RESPONSE
NEAR DROPOUT
3.05V
3.0V
0
50mA
MAX8885toc15
VIN = VOUT + 0.1V
CIN = 1
µF
ILOAD
25mA/div
VOUT
25mV/div


유사한 부품 번호 - MAX8885

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX8880ETT-T MAXIM-MAX8880ETT-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
MAX8880EUT-T MAXIM-MAX8880EUT-T Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results

유사한 설명 - MAX8885

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
logo
Anpec Electronics Corop...
APL5158 ANPEC-APL5158 Datasheet
616Kb / 15P
   150mA CMOS Low Dropout Regulator With Power OK
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
   Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316 ANPEC-APL5316 Datasheet
395Kb / 15P
   Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com