전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS5622A 데이터시트(PDF) 29 Page - Texas Instruments

부품명 TAS5622A
상세설명  TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TAS5622A 데이터시트(HTML) 29 Page - Texas Instruments

Back Button TAS5622A_15 Datasheet HTML 25Page - Texas Instruments TAS5622A_15 Datasheet HTML 26Page - Texas Instruments TAS5622A_15 Datasheet HTML 27Page - Texas Instruments TAS5622A_15 Datasheet HTML 28Page - Texas Instruments TAS5622A_15 Datasheet HTML 29Page - Texas Instruments TAS5622A_15 Datasheet HTML 30Page - Texas Instruments TAS5622A_15 Datasheet HTML 31Page - Texas Instruments TAS5622A_15 Datasheet HTML 32Page - Texas Instruments TAS5622A_15 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
0.005
0.01
0.1
1
10
0.02
0.1
1
10
100
400
PO − Output Power − W
2
3
4
TC = 75°C
G011
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
10
15
20
25
30
35
PVDD − Supply Voltage − V
2
3
4
TC = 75°C
THD+N at 10%
G012
TAS5622A
www.ti.com
SLAS845A – MAY 2012 – REVISED MARCH 2015
8.2.3.3 Application Curves
Figure 23. Total Harmonic Distortion + Noise vs Output
Figure 24. Output Power vs Supply Voltage
Power
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TAS5622A


유사한 부품 번호 - TAS5622A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
More results

유사한 설명 - TAS5622A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TAS5622A TI1-TAS5622A Datasheet
965Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   125-W Stereo and 250-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA Datasheet
962Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   TAS5612LA 125-W Stereo and 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com