전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA5417L-J15-A-T 데이터시트(PDF) 5 Page - Unisonic Technologies

부품명 BA5417L-J15-A-T
상세설명  HIGH-OUTPUT DUAL POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA5417L-J15-A-T 데이터시트(HTML) 5 Page - Unisonic Technologies

  BA5417L-J15-A-T Datasheet HTML 1Page - Unisonic Technologies BA5417L-J15-A-T Datasheet HTML 2Page - Unisonic Technologies BA5417L-J15-A-T Datasheet HTML 3Page - Unisonic Technologies BA5417L-J15-A-T Datasheet HTML 4Page - Unisonic Technologies BA5417L-J15-A-T Datasheet HTML 5Page - Unisonic Technologies BA5417L-J15-A-T Datasheet HTML 6Page - Unisonic Technologies BA5417L-J15-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BA5417
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-049,A
APPLICATION CIRCUITS
OTL Mode
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
FILTER
30k
30k
45
30k
30k
+
-
45
+
-
(N.C.)
+
C2
+
+
C3
C5
C6
100μ
1000μ
1000μ
1000μ
+ C4
C7
0.15μ
R2
2.2
R1
2.2
C1
0.15μ
100μ
+
+
C8
47μ
C9
47μ
RF1
120
+
C10
47μ
RF2
120
RNF1
RNF2
+
+
CIN
CIN
VCC
POWER GND
SP
SP
IN1
IN2
Fig.2
thermal shutdown
circuit
bootstrap
bootstrap
standby
BTL Mode
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
FILTER
30k
30k
45
30k
30k
+
-
45
+
-
(N.C.)
+
C2
+
+
C3
C5
C6
100μ
1000μ
1000μ
1000μ
+ C4
C7
0.15μ
R2
2.2
R1
2.2
C1
0.15μ
100μ
+
+
C8
47μ
C9
47μ
RF1
120
+
C10
47μ
Note : 3pin, 5pin need coupling capacitors (C3, C5 100μF) for DC offset voltage.
SP
Fig.3
VCC
10k
VSTN BY
1k
thermal
shutdown circuit
bootstrap
bootstrap
standby


유사한 부품 번호 - BA5417L-J15-A-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BA5417L-J15-A-T UTC-BA5417L-J15-A-T Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
More results

유사한 설명 - BA5417L-J15-A-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
   High-output dual power amplifier
BA5415A ROHM-BA5415A Datasheet
257Kb / 10P
   High-output dual power amplifier
logo
Unisonic Technologies
PA5417 UTC-PA5417 Datasheet
139Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
   Dual-Channel Audio Power/Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com