전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LV4051A-Q1 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74LV4051A-Q1
상세설명  SN74LV4051A-Q1 8-Channel Analog Multiplexer/Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4051A-Q1 데이터시트(HTML) 2 Page - Texas Instruments

  SN74LV4051A-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74LV4051A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SN74LV4051A-Q1
SCLS520E – AUGUST 2003 – REVISED JANUARY 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 11
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 11
2
Applications ........................................................... 1
8.3
Feature Description................................................. 11
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 11
4
Revision History..................................................... 2
9
Application and Implementation ........................ 12
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 12
6
Specifications......................................................... 5
9.2
Typical Application ................................................. 12
6.1
Absolute Maximum Ratings ...................................... 5
10
Power Supply Recommendations ..................... 13
6.2
ESD Ratings.............................................................. 5
11
Layout................................................................... 13
6.3
Recommended Operating Conditions ...................... 5
11.1
Layout Guidelines ................................................. 13
6.4
Thermal Information .................................................. 6
11.2
Layout Example .................................................... 13
6.5
Electrical Characteristics........................................... 6
12
Device and Documentation Support ................. 14
6.6
Switching Characteristics VCC = 3.3 V ± 0.3 V ......... 7
12.1
Trademarks ........................................................... 14
6.7
Switching Characteristics VCC = 5 V ± 0.5 V ............ 7
12.2
Electrostatic Discharge Caution ............................ 14
6.8
Analog Switch Characteristics .................................. 7
12.3
Glossary ................................................................ 14
6.9
Operating Characteristics.......................................... 7
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information .................. 8
Information ........................................................... 14
8
Detailed Description ............................................ 11
4 Revision History
Changes from Revision D (June 2011) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 5
2
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74LV4051A-Q1


유사한 부품 번호 - SN74LV4051A-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - SN74LV4051A-Q1_15

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com