전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3116D2 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPA3116D2
상세설명  TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3116D2 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA3116D2_15 Datasheet HTML 7Page - Texas Instruments TPA3116D2_15 Datasheet HTML 8Page - Texas Instruments TPA3116D2_15 Datasheet HTML 9Page - Texas Instruments TPA3116D2_15 Datasheet HTML 10Page - Texas Instruments TPA3116D2_15 Datasheet HTML 11Page - Texas Instruments TPA3116D2_15 Datasheet HTML 12Page - Texas Instruments TPA3116D2_15 Datasheet HTML 13Page - Texas Instruments TPA3116D2_15 Datasheet HTML 14Page - Texas Instruments TPA3116D2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
Output Power (W)
PVCC = 6V
PVCC = 12V
PVCC =24V
Gain = 26dB
TA = 25°C
RL = 2Ω
G028
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Gain = 26dB
PVCC = 12VDC + 200mVP-P
TA = 25°C
RL = 2Ω
G030
0.001
0.01
0.1
1
10
0.01
0.1
1
10
40
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 2Ω
G025
0
20
40
60
80
100
120
140
160
180
4
6
8
10
12
14
16
18
20
22
24 26
Supply Voltage (V)
THD+N = 1%
THD+N = 10%
Gain = 26dB
TA = 25°C
RL = 2Ω
G027
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1k
10k
20k
Frequency (Hz)
Left Channel
Right Channel
Gain = 26dB
PVCC = 12VDC + 200mVP-P
TA = 25°C
RL = 8Ω
G023
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
PO = 1W
PO = 5W
PO = 10W
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 2Ω
G024
TPA3116D2, TPA3118D2, TPA3130D2
www.ti.com
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
fs = 400 kHz, BD Mode (unless otherwise noted)
Figure 19. Supply Ripple Rejection Ratio (BTL) vs
Figure 20. Total Harmonic Distortion + Noise (PBTL) vs
Frequency
Frequency
Figure 21. Total Harmonic Distortion + Noise (PBTL) vs
Figure 22. Maximum Output Power (PBTL) vs Supply
Output Power
Voltage
Figure 23. Power Efficiency (PBTL) vs Output Power
Figure 24. Supply Ripple Rejection Ratio (PBTL) vs
Frequency
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


유사한 부품 번호 - TPA3116D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

유사한 설명 - TPA3116D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com