전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3144D2 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPA3144D2
상세설명  TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3144D2 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA3144D2_15 Datasheet HTML 7Page - Texas Instruments TPA3144D2_15 Datasheet HTML 8Page - Texas Instruments TPA3144D2_15 Datasheet HTML 9Page - Texas Instruments TPA3144D2_15 Datasheet HTML 10Page - Texas Instruments TPA3144D2_15 Datasheet HTML 11Page - Texas Instruments TPA3144D2_15 Datasheet HTML 12Page - Texas Instruments TPA3144D2_15 Datasheet HTML 13Page - Texas Instruments TPA3144D2_15 Datasheet HTML 14Page - Texas Instruments TPA3144D2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TPA3144D2
www.ti.com
SLOS907B – APRIL 2015 – REVISED JULY 2015
9 Detailed Description
9.1 Overview
To facilitate system design, the TPA3144D2 needs only a single power supply between 4.5 V and 14.4 V for
operation. An internal voltage regulator provides suitable voltage levels for the gate driver, digital and low-voltage
analog circuitry. Additionally, all circuitry requiring a floating voltage supply, that is, the high-side gate drive, is
accommodated by built-in bootstrap circuitry with integrated boot strap diodes requiring only an external
capacitor for each half-bridge.
The audio signal path, including the gate drive and output stage is designed as identical, independent full-
bridges. Special attention should be paid to placing all decoupling capacitors as close to their associated pins as
possible. In general, the physical loop with the power supply pins, decoupling capacitors and GND return path to
the device pins must be kept as short as possible and with as little area as possible to minimize induction (see
reference board documentation for additional information).
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BSXX) to the power-stage output pin (OUTXX). When the power-stage output is low, the bootstrap capacitor is
charged through an internal diode connected between the gate-drive power-supply pin (GVDD) and the bootstrap
pins. When the power-stage output is high, the bootstrap capacitor potential is shifted above the output potential
and thus provides a suitable voltage supply for the high-side gate driver. In an application with PWM switching
frequencies in the range from 310 kHz, it is recommended to use ceramic capacitors with at least 220-nF
capacitance, size 0603 or 0805, for the bootstrap supply. These capacitors ensure sufficient energy storage,
even during clipped low frequency audio signals, to keep the high-side power stage FET (LDMOS) fully turned on
during the remaining part of its ON cycle.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. For optimal electrical performance, EMI compliance, and system reliability, it is important
that each PVCC pin is decoupled with ceramic capacitors placed as close as possible to each supply pin. It is
recommended to follow the PCB layout of the TPA3144D2 reference design. For additional information on
recommended power supply and required components, see the application diagrams in this data sheet.
The PVCC power supply should have low output impedance and low noise. The power-supply ramp and SD
release sequence is not critical for device reliability as facilitated by the internal power-on-reset circuit, but it is
recommended to release SD after the power supply is settled for minimum turn on audible artifacts.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3144D2


유사한 부품 번호 - TPA3144D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3144D2PWP TI1-TPA3144D2PWP Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3144D2PWPR TI1-TPA3144D2PWPR Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
More results

유사한 설명 - TPA3144D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com