전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3144D2 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TPA3144D2
상세설명  TPA3144D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3144D2 데이터시트(HTML) 3 Page - Texas Instruments

  TPA3144D2_15 Datasheet HTML 1Page - Texas Instruments TPA3144D2_15 Datasheet HTML 2Page - Texas Instruments TPA3144D2_15 Datasheet HTML 3Page - Texas Instruments TPA3144D2_15 Datasheet HTML 4Page - Texas Instruments TPA3144D2_15 Datasheet HTML 5Page - Texas Instruments TPA3144D2_15 Datasheet HTML 6Page - Texas Instruments TPA3144D2_15 Datasheet HTML 7Page - Texas Instruments TPA3144D2_15 Datasheet HTML 8Page - Texas Instruments TPA3144D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
SD
28
PVCC
2
FAULT
27
PVCC
3
LINP
26
BSPL
4
LINN
25
OUTPL
5
LIMRATE
24
GND
6
GAIN
23
OUTNL
7
SSCTRL
22
BSNL
8
LIMTHRES
21
BSNR
9
GVDD
20
OUTNR
10
GND
19
GND
11
RINN
18
OUTPR
12
RINP
17
BSPR
13
1SPW
16
PVCC
14
AVCC
15
PVCC
TPA3144D2
www.ti.com
SLOS907B – APRIL 2015 – REVISED JULY 2015
5 Device Comparison Table
DEVICE NAME
DESCRIPTION
6-W Stereo Class-D Audio Power Amplifier with
TPA3113D2
SpeakerGuard™
7W Filter-Free Class-D Stereo Amplifier In
TPA3131D2
Space Saving QFN
15W Filter-Free Class D Stereo Amplifier with
TPA3130D2
AM Avoidance
15W Filter-Free Class D Stereo Amplifier with
TPA3110D2
SpeakerGuard™
6 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP
(Top View)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPA3144D2


유사한 부품 번호 - TPA3144D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3144D2PWP TI1-TPA3144D2PWP Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3144D2PWPR TI1-TPA3144D2PWPR Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
More results

유사한 설명 - TPA3144D2_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3140D2 TI-TPA3140D2_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPA3140D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI and AGL
TPA3137D2 TI1-TPA3137D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3137D2 6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
[Old version datasheet]   TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2380 EUTECH-EUA2380 Datasheet
98Kb / 1P
   10-W Inductor Free Stereo Audio Amplifier with Low EMI
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com