전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL072L-S08-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 TL072L-S08-T
상세설명  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072L-S08-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  TL072L-S08-T Datasheet HTML 1Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 2Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 3Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 4Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 5Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 6Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 7Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 8Page - Unisonic Technologies TL072L-S08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL072
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R105-004,F
LOW NOISE DUAL J-FET
OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC TL072 is a high speed J-FET input quad operational
amplifier. It incorporates well matched, high voltage J-FET and
bipolar transistors in a monolithic integrated circuit. The device
features high slew rates, low input bias and offset current, and low
offset voltage temperature coefficient.
FEATURES
*Low power consumption
*Wide common-mode (up to VCC+ ) and differential voltage range
*Low input bias and offset current
*Low noise en = 15nV /
Hz (typ)
*Output short-circuit protection
*High input impedance J-FET input stage
*Low harmonic distortion:0.01%(typ)
*Internal frequency compensation
*Latch up free operation
*High slewrate:16V/
µs(typ)
DIP-8
SOP-8
TSSOP-8
*Pb-free plating product number: TL072L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
TL072-D08-T
TL072L-D08-T
DIP-8
Tube
TL072-P08-R
TL072L-P08-R
TSSOP-8
Tape Reel
TL072-P08-T
TL072L-P08-T
TSSOP-8
Tube
TL072-S08-R
TL072L-S08-R
SOP-8
Tape Reel
TL072-S08-T
TL072L-S08-T
SOP-8
Tube
TL072L-D08-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, P08: TSSOP-8, S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


유사한 부품 번호 - TL072L-S08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL072L-S08-T UTC-TL072L-S08-T Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
More results

유사한 설명 - TL072L-S08-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
   LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
   J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com