전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3159 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TS5A3159
상세설명  TS5A3159 1-廓 SPDT Analog Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159 데이터시트(HTML) 4 Page - Texas Instruments

  TS5A3159_15 Datasheet HTML 1Page - Texas Instruments TS5A3159_15 Datasheet HTML 2Page - Texas Instruments TS5A3159_15 Datasheet HTML 3Page - Texas Instruments TS5A3159_15 Datasheet HTML 4Page - Texas Instruments TS5A3159_15 Datasheet HTML 5Page - Texas Instruments TS5A3159_15 Datasheet HTML 6Page - Texas Instruments TS5A3159_15 Datasheet HTML 7Page - Texas Instruments TS5A3159_15 Datasheet HTML 8Page - Texas Instruments TS5A3159_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TS5A3159
SCDS174C – AUGUST 2004 – REVISED MARCH 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Switch input/output voltage
0
V+
V
V+
Supply voltage
1.65
5.5
V
VI
Control input voltage
0
5.5
V
TA
Operating temperature
–40
85
°C
6.4 Thermal Information
TS5A3159
THERMAL METRIC(1)
DBV (SOT-23)
DCK (SC-70)
UNIT
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
165
165
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics for 5-V Supply
V+ = 4.5 V to 5.5 V and TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO, VNC
25°C
1
1.5
Peak ON-state
0
≤ VNO or VNC ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –30 mA,
see Figure 10
Full
1.5
25°C
0.75
1.1
VNO or VNC = 2.5 V,
Switch ON,
ron
ON-state resistance
4.5 V
ICOM = –30 mA,
see Figure 10
Full
1.1
ON-state resistance
VNO or VNC = 2.5 V,
Switch ON,
Δron
match between
25°C
4.5 V
0.1
ICOM = –30 mA,
see Figure 10
channels
0
≤ VNO or VNC ≤ V+,
25°C
0.233
ICOM = –30 mA
ON-state resistance
Switch ON,
ron(flat)
4.5 V
flatness
see Figure 10
VNO or VNC = 1 V, 1.5 V, 2.5 V,
25°C
0.15
ICOM = –30 mA
25°C
–2
0.2
2
INC(OFF),
NC, NO
VNC or VNO = 4.5 V,
Switch OFF,
5.5 V
nA
INO(OFF)
Off leakage current
VCOM = 0 V,
see Figure 11
Full
–20
20
25°C
–4
2.8
4
INC(ON),
NC, NO
VNC or VNO = 4.5 V,
Switch ON,
5.5 V
nA
INO(ON)
On leakage current
VCOM = Open,
see Figure 12
Full
–40
40
25°C
–4
0.47
4
COM
VNC or VNO = 4.5 V or Open,
Switch ON,
ICOM(ON)
5.5 V
nA
On leakage current
VCOM = 4.5 V,
see Figure 12
Full
–40
40
Digital Input (IN)
VIH
Input logic high
Full
2.4
5.5
V
VIL
Input logic low
Full
0
0.8
V
Input leakage
IIH, IIL
VIN = 5.5 V or 0
Full
5.5 V
–1
1
μA
current
Dynamic
25°C
4.5 V
20
35
VCOM = V+,
CL = 35 pF,
tON
Turnon time
to
ns
RL = 50 Ω,
see Figure 14
Full
40
5.5 V
25°C
4.5 V
15
20
VCOM = V+,
CL = 35 pF,
tOFF
Turnoff time
to
ns
RL = 50 Ω,
see Figure 14
Full
35
5.5 V
(1)
TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TS5A3159


유사한 부품 번호 - TS5A3159_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
More results

유사한 설명 - TS5A3159_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com