전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1109 데이터시트(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1109
상세설명  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1109 데이터시트(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1109_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1109_15 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 Dec 08
10
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
PACKAGE OUTLINES
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.45
0.15
0.55
0.45
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143B
97-02-28
0
1
2 mm
scale
Plastic surface mounted package; 4 leads
SOT143B
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
2
1
3
4
b1
bp


유사한 부품 번호 - BF1109_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1109R PHILIPS-BF1109R Datasheet
145Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109R NXP-BF1109R Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR PHILIPS-BF1109WR Datasheet
145Kb / 16P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR NXP-BF1109WR Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
logo
Quanzhou Jinmei Electro...
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results

유사한 설명 - BF1109_15

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com