전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3357-Q1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TS5A3357-Q1
상세설명  SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357-Q1 데이터시트(HTML) 3 Page - Texas Instruments

  TS5A3357-Q1_15 Datasheet HTML 1Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 2Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 3Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 4Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 5Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 6Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 7Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 8Page - Texas Instruments TS5A3357-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TS5A3357-Q1
www.ti.com................................................................................................................................................................................................ SCDS290 – AUGUST 2009
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
V+ = 4.5 V to 5.5 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VCOM, VNO
0
V+
V
0
≤ VNO ≤ V+,
Switch ON,
Peak ON resistance
rpeak
Full
4.5 V
15
ICOM = –30 mA,
See Figure 13
VNO = 0,
25°C
5
7
ICOM = 30 mA
Full
7
VNO = 2.4 V,
25°C
6
12
Switch ON,
ON-state resistance
ron
4.5 V
ICOM = –30 mA
See Figure 13
Full
12
VNO = 4.5 V,
25°C
7
15
ICOM = –30 mA
Full
15
ON-state resistance
VNO = 3.15 V,
Switch ON,
match between
Δron
25°C
4.5 V
0.1
ICOM = –30 mA,
See Figure 13
channels
ON-state
0
≤ VNO ≤ V+,
Switch ON,
ron(flat)
25°C
5 V
6.5
resistance flatness
ICOM = –30 mA,
See Figure 13
25°C
–0.2
0.2
NO
VNO = 0 to V+,
Switch OFF,
INO(OFF)
5.5 V
μA
OFF leakage current
VCOM = V+ to 0
See Figure 14
Full
–1
1
25°C
–0.2
0.2
COM
VCOM = 0 to V+,
Switch OFF,
ICOM(OFF)
0
μA
OFF leakage current
VNO = V+ to 0,
See Figure 14
Full
–1
1
25°C
–0.2
0.2
NO
VNO = 0 to V+,
Switch ON,
INO(ON)
5.5 V
μA
ON leakage current
VCOM = Open,
See Figure 14
Full
–1
1
25°C
–0.2
0.2
COM
VNO = Open,
Switch ON,
ICOM(ON)
5.5 V
μA
ON leakage current
VCOM = 0 to V+,
See Figure 14
Full
–1
1
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
25°C
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
μA
current
Full
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A3357-Q1


유사한 부품 번호 - TS5A3357-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS5A3357-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com