전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1208D 데이터시트(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1208D
상세설명  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1208D 데이터시트(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1208D_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208D_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BF1208D_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 May 2007
3 of 22
NXP Semiconductors
BF1208D
Dual N-channel dual gate MOSFET
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Tsp is the temperature at the soldering point of the source lead.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BF1208D
-
plastic surface-mounted package; 6 leads
SOT666
Table 4.
Marking codes
Type number
Marking code
BF1208D
4A
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per MOSFET
VDS
drain-source voltage
DC
-
6
V
ID
drain current
DC
-
30
mA
IG1
gate1 current
-
±10
mA
IG2
gate2 current
-
±10
mA
Ptot
total power dissipation
Tsp ≤ 109 °C
[1] -
180
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Fig 1.
Power derating curve
Tsp (˚C)
0
200
150
50
100
001aac193
100
150
50
200
250
Ptot
(mW)
0


유사한 부품 번호 - BF1208D_15

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1208D_2015 JMNIC-BF1208D_2015 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
More results

유사한 설명 - BF1208D_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com