전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A4597DCKRG4 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TS5A4597DCKRG4
상세설명  SINGLE-CHANNEL 8 SPST ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A4597DCKRG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TS5A4597DCKRG4 Datasheet HTML 7Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 8Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 9Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 10Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 11Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 12Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 13Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 14Page - Texas Instruments TS5A4597DCKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TS5A4597
SINGLECHANNEL 8 W SPST ANALOG SWITCH
SCDS182 − FEBRUARY 2005
www.ti.com
11
V+
GND
IN
VBIAS
VI
VI = VIH or VIL
VBIAS = V+ or GND
Capacitance is measured at NC,
COM, and IN inputs during ON
and OFF conditions.
Capacitance
Meter
VCOM
VNC
COM
NC
Figure 16. Capacitance (CI, CCOM(OFF), CCOM(ON), CNC(OFF), CNC(ON))
CL(2)
RL
VCOM(3)
V+
GND
NC
IN
VNC
VI
COM
Logic
Input(1)
300
RL
CL
35 pF
tON
TEST
300
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
V+
Switch
Output
(VNC)
0
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
(3) See Electrical Characteristics for VCOM.
Figure 17. Turn-On (tON) and Turn-Off Time (tOFF)
V+
GND
NC
IN
VI
COM
50
W
50
W
VNC
VCOM
Channel ON: NC to COM
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-
W load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
+
VI = V+ or GND
Figure 18. Bandwidth (BW)


유사한 부품 번호 - TS5A4597DCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A4597DCKR TI-TS5A4597DCKR Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results

유사한 설명 - TS5A4597DCKRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com