전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1214 데이터시트(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BF1214
상세설명  Dual N-channel dual gate MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1214 데이터시트(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1214_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1214_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BF1214_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2007
3 of 18
NXP Semiconductors
BF1214
Dual N-channel dual gate MOSFET
4.
Marking
5.
Limiting values
[1]
Tsp is the temperature at the soldering point of the source lead.
Table 4.
Marking
Type number
Marking
Description
BF1214
SB*
* = p : made in Hong Kong
* = t : made in Malaysia
* = w : made in China
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per MOSFET
VDS
drain-source voltage
DC
-
6
V
ID
drain current
DC
-
30
mA
IG1
gate1 current
-
±10
mA
IG2
gate2 current
-
±10
mA
Ptot
total power dissipation
Tsp ≤ 107 °C
[1] -
180
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Fig 1.
Power derating curve
Tsp (˚C)
0
200
150
50
100
001aac193
100
150
50
200
250
Ptot
(mW)
0


유사한 부품 번호 - BF1214_15

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1214_2015 JMNIC-BF1214_2015 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
More results

유사한 설명 - BF1214_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com