전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A9411 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TS5A9411
상세설명  10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A9411 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TS5A9411_15 Datasheet HTML 5Page - Texas Instruments TS5A9411_15 Datasheet HTML 6Page - Texas Instruments TS5A9411_15 Datasheet HTML 7Page - Texas Instruments TS5A9411_15 Datasheet HTML 8Page - Texas Instruments TS5A9411_15 Datasheet HTML 9Page - Texas Instruments TS5A9411_15 Datasheet HTML 10Page - Texas Instruments TS5A9411_15 Datasheet HTML 11Page - Texas Instruments TS5A9411_15 Datasheet HTML 12Page - Texas Instruments TS5A9411_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TYPICAL PERFORMANCE
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
V
+
=3.3V
V
+
=2.5V
V
+
=5V
-15
-10
-5
0
5
10
15
0
5
10
15
20
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
100.00E+3
1.00E+6
10.00E+6
100.00E+6
1.00E+9
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
20
100.0E+3
1.0E+6
10.0E+6
100.0E+6
1.0E+9
Frequency (Hz)
INS
CRO
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
10.0E+0
100.0E+0
1.0E+3
10.0E+3
100.0E+3
Frequency (Hz)
TS5A9411
www.ti.com ............................................................................................................................................................... SCDS241A – MAY 2008 – REVISED JULY 2008
Figure 1. rON vs VIN
Figure 2. Charge Injection (QC) vs VCOM
Figure 3. Bandwidth (V+ = 3 V)
Figure 4. OFF Isolation vs Crosstalk (V+ = 3 V)
Figure 5. Total Harmonic Distortion vs Frequency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS5A9411


유사한 부품 번호 - TS5A9411_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS5A9411_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com