전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A23157 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TS5A23157
상세설명  TS5A23157 Dual 10-廓 SPDT Analog Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157 데이터시트(HTML) 5 Page - Texas Instruments

  TS5A23157_15 Datasheet HTML 1Page - Texas Instruments TS5A23157_15 Datasheet HTML 2Page - Texas Instruments TS5A23157_15 Datasheet HTML 3Page - Texas Instruments TS5A23157_15 Datasheet HTML 4Page - Texas Instruments TS5A23157_15 Datasheet HTML 5Page - Texas Instruments TS5A23157_15 Datasheet HTML 6Page - Texas Instruments TS5A23157_15 Datasheet HTML 7Page - Texas Instruments TS5A23157_15 Datasheet HTML 8Page - Texas Instruments TS5A23157_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TS5A23157
www.ti.com
SCDS165E – MAY 2004 – REVISED JUNE 2015
6.5 Electrical Characteristics for 5-V Supply
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
ANALOG SWITCH
VCOM,
Analog signal range
0
V+
V
VNO, VNC
0
≤ VNO or VNC ≤ V+,
Switch ON,
ron
ON-state resistance
Full
4.5 V
10
ICOM = –30 mA,
see Figure 9
ON-state resistance
VNO or VNC = 3.15 V,
Switch ON,
Δron
match between
25°C
4.5 V
0.15
ICOM = –30 mA,
see Figure 9
channels
ON-state resistance
0
≤ VNO or VNC ≤ V+,
Switch ON,
ron(flat)
25°C
4.5 V
4
flatness
ICOM = –30 mA,
see Figure 9
25°C
–1
0.05
1
INC(OFF),
NC, NO
VNC or VNO = 0 to V+,
Switch OFF,
5.5 V
µA
INO(OFF)
OFF leakage current
VCOM = 0 to V+,
see Figure 10
Full
–1
1
25°C
–0.1
0.1
INC(ON),
NC, NO
VNC or VNO = 0 to V+,
Switch ON,
5.5 V
µA
INO(ON)
ON leakage current
VCOM = Open,
see Figure 10
Full
–1
1
25°C
–0.1
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
5.5 V
µA
ON leakage current
VCOM = 0 to V+,
see Figure 10
Full
–1
1
DIGITAL INPUTS (IN12, IN2)(2)
VIH
Input logic high
Full
V+ × 0.7
V
VIL
Input logic low
Full
V+ × 0.3
V
25°C
–1
0.05
1
IIH, IIL
Input leakage current VIN = 5.5 V or 0
5.5 V
µA
Full
–1
1
DYNAMIC
VNC = GND and VNO = V+
RL = 500 Ω,
4.5 V
tON
Turnon time
or
CL = 50 pF,
Full
to
1.7
5.7
ns
VNC = V+ and VNO = GND,
see Figure 12
5.5 V
VNC = GND and VNO = V+
RL = 500 Ω,
4.5 V
tOFF
Turnoff time
or
CL = 50 pF,
Full
to
0.8
3.8
ns
VNC = V+ and VNO = GND,
see Figure 12
5.5 V
4.5 V
Break-before-make
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
Full
to
0.5
ns
time
RL = 50 Ω,
see Figure 13
5.5 V
VNC = VNO = V+/2,
QC
Charge injection
See Figure 17
25°C
5 V
7
pC
RL = 50 Ω,
CNC(OFF), NC, NO
Switch OFF,
VNC or VNO = V+ or GND,
25°C
5 V
5.5
pF
CNO(OFF)
OFF capacitance
see Figure 11
CNC(ON),
NC, NO
Switch ON,
VNC or VNO = V+ or GND,
25°C
5 V
17.5
pF
CNO(ON)
ON capacitance
see Figure 11
COM
Switch ON,
CCOM(ON)
VCOM = V+ or GND,
25°C
5 V
17.5
pF
ON capacitance
see Figure 11
Digital input
CIN
VIN = V+ or GND,
See Figure 11
25°C
5 V
2.8
pF
capacitance
Switch ON,
BW
Bandwidth
RL = 50 Ω,
25°C
4.5 V
220
MHz
see Figure 14
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
4.5 V
–65
dB
f = 10 MHz,
see Figure 15
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
4.5 V
–66
dB
f = 10 MHz,
see Figure 16
f = 600 Hz to
Total harmonic
RL = 600 Ω,
THD
20 kHz,
25°C
4.5 V
0.01%
distortion
CL = 50 pF,
see Figure 18
(1)
TA = 25°C.
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS5A23157


유사한 부품 번호 - TS5A23157_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
More results

유사한 설명 - TS5A23157_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com