전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A23157-Q1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TS5A23157-Q1
상세설명  DUAL 15-廓 SPDT ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157-Q1 데이터시트(HTML) 3 Page - Texas Instruments

  TS5A23157-Q1_15 Datasheet HTML 1Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 2Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 3Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 4Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 5Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 6Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 7Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 8Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TS5A23157-Q1
www.ti.com
SCDS252A – JULY 2007 – REVISED FEBRUARY 2013
Electrical Characteristics for 5-V Supply
V+ = 4.5 V to 5.5 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO, VNC
0
≤ VNO or VNC ≤ V+,
Switch ON,
ON-state resistance
ron
Full
4.5 V
15
ICOM = –30 mA,
See Figure 6
ON-state resistance
VNO or VNC = 3.15 V,
Switch ON,
match between
Δron
25°C
4.5 V
0.15
ICOM = –30 mA,
See Figure 6
channels
ON-state resistance
0
≤ VNO or VNC ≤ V+,
Switch ON,
ron(flat)
25°C
4.5 V
4
flatness
ICOM = –30 mA,
See Figure 6
25°C
–1
0.05
1
NC, NO
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
5.5 V
μA
OFF leakage current
INO(OFF)
VCOM = 0 to V+,
See Figure 7
Full
–1
1
25°C
–0.1
0.1
NC, NO
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
5.5 V
μA
ON leakage current
INO(ON)
VCOM = Open,
See Figure 7
Full
–1
1
25°C
–0.1
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
5.5 V
μA
ON leakage current
VCOM = 0 to V+,
See Figure 7
Full
–1
1
Digital Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.7
V
Input logic low
VIL
Full
V+ × 0.3
V
25°C
–1
0.05
1
Input leakage
IIH, IIL
VIN = 5.5 V or 0
5.5 V
μA
current
Full
–1
1
(1)
TA = 25°C
(2)
Hold all unused digital inputs of the device at V+ or GND to ensure proper device operation. See the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS5A23157-Q1


유사한 부품 번호 - TS5A23157-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

유사한 설명 - TS5A23157-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com