전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS12A12511 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TS12A12511
상세설명  TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS12A12511 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS12A12511_15 Datasheet HTML 3Page - Texas Instruments TS12A12511_15 Datasheet HTML 4Page - Texas Instruments TS12A12511_15 Datasheet HTML 5Page - Texas Instruments TS12A12511_15 Datasheet HTML 6Page - Texas Instruments TS12A12511_15 Datasheet HTML 7Page - Texas Instruments TS12A12511_15 Datasheet HTML 8Page - Texas Instruments TS12A12511_15 Datasheet HTML 9Page - Texas Instruments TS12A12511_15 Datasheet HTML 10Page - Texas Instruments TS12A12511_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TS12A12511
www.ti.com
SCDS248C – OCTOBER 2009 – REVISED JANUARY 2015
6.7 Electrical Characteristics: 5-V Single Supply
VCC = 5 V ± 10%, -VCC = 0 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
TA= 25°C
TA= –40°C to 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG SWITCH
Analog signal range
0
VCC
V
VNC =0 V to 4.5 V or VNO = 0 V to
4.5 V,
Ron
ON-state resistance
8
10
12.5
ICOM = –10 mA;
see Figure 12
ON-state resistance
VNC =0 V to 4.5 V or VNO = 0 V to
ΔRon
match between
4.5 V,
1
1.1
1.5
channels
ICOM = –10 mA
VNC =0 V to 4.5 V or VNO = 0 V to
ON-state resistance
Ron(flat)
4.5 V,
1.3
1.3
2
flatness
ICOM = –10 mA
LEAKAGE CURRENTS
VNC =0 V to 4.5 V or VNO = 0 V to
INC(OFF),
OFF leakage current
4.5 V,
–1
±0.5
1
–50
50
nA
INO(OFF)
VCOM = 0 V to 4.5 V; see Figure 13
VNC = 0 V to 4.5V or VNO = 0 V to
INC(ON),
ON leakage current
4.5 V,
–1
±0.5
1
–50
50
nA
INO(ON)
VCOM = open; see Figure 14
DIGITAL INPUTS
VINH
High-level input voltage
2.4
VCC
V
VINL
Low-level input voltage
0
0.8
V
IINL, IINH
Input current
VIN = VINL or VINH
0.01
–0.1
0.1
μA
CIN
Digital input capacitance
2.8
pF
DYNAMIC(1)
RL = 300 Ω, CL = 35 pF,
tON
Turn-ON time
119
145
178
ns
VCOM = 3.3 V; see Figure 16
RL = 300 Ω, CL = 35 pF,
tOFF
Turn-OFF time
38
47
95.2
ns
VCOM = 3.3 V; see Figure 16
Break-before-make
RL = 300 Ω, CL = 35 pF,
tBBM
79
44
ns
time delay
VNC = VNO = 3.3 V; see Figure 17
VGEN = VNC = VNO = 0 V, RGEN = 0
QC
Charge injection
Ω, CL = 1 nF;
65
pC
see Figure 18
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
OISO
OFF isolation
–70
dB
see Figure 19
Channel-to-channel
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
XTALK
–70
dB
crosstalk
see Figure 20
BW
Bandwidth –3 dB
RL = 50 Ω, see Figure 21
152
MHz
RL = 600 Ω, CL = 15 pF, VNO = 1
THD
Total harmonic distortion
0.04%
VRMS, f = 20 kHz; see Figure 22
CNC(OFF),
NC, NO
f = 1 MHz, see Figure 15
15
pF
CNO(OFF)
OFF capacitance
CCOM(ON),
COM, NC, NO
CNC(ON),
f = 1 MHz, see Figure 15
55
pF
ON capacitance
INO(ON)
POWER REQUIREMENTS
ICC
Positive supply current
VIN = 0 V or VCC
0.02
1
μA
(1)
Specified by design, not subject to production test.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS12A12511


유사한 부품 번호 - TS12A12511_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

유사한 설명 - TS12A12511_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com