전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX2C5V1 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 BZX2C5V1
상세설명  2 Watt Zener Diode 3.6 to 200 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX2C5V1 데이터시트(HTML) 2 Page - Micro Commercial Components

  BZX2C5V1 Datasheet HTML 1Page - Micro Commercial Components BZX2C5V1 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MAXIMUM ZENER
IMPENDENCE
REVERSE LEAKAGE
CURRENT IR @ VR
MCC
PART NUMBER
NOMINAL
ZENER
VOLTAGE
VZ
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT @ IZT
ZZK
IZK
IR
VR
MAXIMUM DC
ZENER
CURRENT
IS
VOLTS
mA
OHM
OHM
mA
uA
Volts
mA
BZX2C3V6
3.6
139
5
400
1.0
80
1
504
BZX2C3V9
3.9
128
5
400
1.0
30
1
468
BZX2C4V3
4.3
116
4.5
400
1.0
20
1
434
BZX2C4V7
4.7
106
4.5
550
1.0
5
1
386
BZX2C5V1
5.1
98
3.5
600
1.0
5
1
356
BZX2C5V6
5.6
89.5
2.5
650
1.0
5
2
324
BZX2C6V2
6.2
80.5
1.5
700
1.0
5
3
292
BZX2C6V8
6.8
73.5
2
700
1.0
5
4
266
BZX2C7V5
7.5
66.5
2
700
0.5
5
5
242
BZX2C8V2
8.2
61
2.3
700
0.5
5
6
220
BZX2C9V1
9.1
55
2.5
700
0.5
2
7
200
BZX2C10V
10
50
3.5
700
0.25
3
7.6
182
BZX2C11V
11
45.5
4
700
0.25
1
8.4
166
BZX2C12V
12
41.5
4.5
700
0.25
1
9.1
152
BZX2C13V
13
38.5
5
700
0.25
0.5
9.9
138
BZX2C15V
15
33.4
7
700
0.25
0.5
11.4
122
BZX2C16V
16
31.2
8
700
0.25
0.3
12.2
114
BZX2C18V
18
27.8
10
750
0.25
0.5
13.7
100
BZX2C20V
20
25
11
750
0.25
0.5
15.2
90
BZX2C22V
22
22.8
12
750
0.25
0.5
16.7
82
BZX2C24V
24
20.8
13
750
0.25
0.5
18.2
76
BZX2C27V
27
18.5
18
750
0.25
0.5
20.6
68
BZX2C30V
30
16.6
20
1000
0.25
0.5
22.5
60
BZX2C33V
33
15.1
23
1000
0.25
0.5
25.1
55
BZX2C36V
36
13.9
25
100
0.25
0.5
27.4
50
BZX2C39V
39
12.8
30
1000
0.25
0.5
29.7
47
BZX2C43V
43
11.6
35
1500
0.25
0.5
32.7
43
BZX2C47V
47
10.6
40
1500
0.25
0.5
35.8
39
BZX2C51V
51
9.8
48
1500
0.25
0.5
38.8
36
BZX2C56V
56
9
55
2000
0.25
0.5
42.6
32
BZX2C62V
62
8.1
60
2000
0.25
0.5
47.1
29
BZX2C68V
68
7.4
75
2000
0.25
0.5
51.7
27
BZX2C75V
75
6.7
90
2000
0.25
0.5
56.0
24
BZX2C82V
82
6.1
100
3000
0.25
0.5
62.2
22
BZX2C91V
91
5.5
125
3000
0.25
0.5
69.2
20
BZX2C100V
100
5
175
3000
0.25
0.5
76
18
BZX2C110V
110
4.5
250
4000
0.25
0.5
83.6
17
BZX2C120V
120
4.2
325
4500
0.25
0.5
91.2
15
BZX2C130V
130
3.8
400
5000
0.25
0.5
98.8
14
BZX2C150V
150
3.3
575
6000
0.25
0.5
114.0
12
BZX2C160V
160
3.1
650
6500
0.25
0.5
121.6
11
BZX2C180V
180
2.8
725
7000
0.25
0.5
136.8
10
BZX2C200V
200
2.5
900
8000
0.25
0.5
152
9
BZX2C3V6 thru BZX2C200V
www.mccsemi.com
MCC


유사한 부품 번호 - BZX2C5V1

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
BZX2C5V1 SEMTECH-BZX2C5V1 Datasheet
223Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Chongqing Pingwei Enter...
BZX2C5V1 CHONGQING-BZX2C5V1 Datasheet
65Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

유사한 설명 - BZX2C5V1

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
LLUDZS36B MCC-LLUDZS36B Datasheet
451Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
1N4729AW MCC-1N4729AW Datasheet
332Kb / 4P
   1.0 Watt Zener Diode 3.6 to 75 Volts
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
1N5348BE MCC-1N5348BE Datasheet
637Kb / 6P
   5 Watt Zener Diode 11 to 200 Volts
SMAJ5925BHE3 MCC-SMAJ5925BHE3 Datasheet
565Kb / 5P
   1.5 Watt Zener Diode 10 to 200 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Micro Commercial Compon...
1N5913B3P MCC-1N5913B3P_13 Datasheet
519Kb / 5P
   3.0 Watt Zener Diode 3.3to 200 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com