전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5652A 데이터시트(PDF) 5 Page - Texas Instruments

부품명 DAC5652A
상세설명  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5652A 데이터시트(HTML) 5 Page - Texas Instruments

  DAC5652A_15 Datasheet HTML 1Page - Texas Instruments DAC5652A_15 Datasheet HTML 2Page - Texas Instruments DAC5652A_15 Datasheet HTML 3Page - Texas Instruments DAC5652A_15 Datasheet HTML 4Page - Texas Instruments DAC5652A_15 Datasheet HTML 5Page - Texas Instruments DAC5652A_15 Datasheet HTML 6Page - Texas Instruments DAC5652A_15 Datasheet HTML 7Page - Texas Instruments DAC5652A_15 Datasheet HTML 8Page - Texas Instruments DAC5652A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DAC5652A
www.ti.com
SLAS535D – SEPTEMBER 2007 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS (continued)
over TA, AVDD = DVDD = 3.3 V, I(OUTFS) = 20 mA, independent gain set mode (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CI
Input capacitance
100
pF
Temperature Coefficients
ppm of
Offset drift
2
FSR/°C
With external reference
ppm of
±20
FSR/°C
Gain drift
With internal reference
ppm of
±40
FSR/°C
Reference voltage drift
±20
ppm/°C
ELECTRICAL CHARACTERISTICS
over TA, AVDD = DVDD = 3.3 V, I(OUTFS) = 20 mA, fDATA = 200 MSPS, fOUT = 1 MHz, independent gain set mode (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
3
3.3
3.6
V
Including output current through load
75
90
resistor
I(AVDD)
Supply current, analog
mA
Sleep mode with clock
2.5
Sleep mode without clock
2.5
12
20
I(DVDD)
Supply current, digital
Sleep mode with clock
11.3
18
mA
Sleep mode without clock
0.6
290
360
Sleep mode with clock
45.5
Power dissipation
mW
Sleep mode without clock
9.2
fDATA = 275 MSPS, fOUT = 20 MHz
310
APSRR
Analog power supply rejection ratio
–0.2
–0.01
0.2
%FSR/V
DPSRR
Digital power supply rejection ratio
–0.2
0
0.2
%FSR/V
TA
Operating free-air temperature
–40
85
°C
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC5652A


유사한 부품 번호 - DAC5652A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results

유사한 설명 - DAC5652A_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI-DAC5652 Datasheet
323Kb / 22P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
[Old version datasheet]   DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com