전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5674 데이터시트(PDF) 4 Page - Texas Instruments

부품명 DAC5674
상세설명  14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 데이터시트(HTML) 4 Page - Texas Instruments

  DAC5674_15 Datasheet HTML 1Page - Texas Instruments DAC5674_15 Datasheet HTML 2Page - Texas Instruments DAC5674_15 Datasheet HTML 3Page - Texas Instruments DAC5674_15 Datasheet HTML 4Page - Texas Instruments DAC5674_15 Datasheet HTML 5Page - Texas Instruments DAC5674_15 Datasheet HTML 6Page - Texas Instruments DAC5674_15 Datasheet HTML 7Page - Texas Instruments DAC5674_15 Datasheet HTML 8Page - Texas Instruments DAC5674_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
DAC5674
SLWS148A − SEPTEMBER 2003 − REVISED OCTOBER 2005
www.ti.com
4
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V, DVDD = 1.8 V,
IOUTFS = 20 mA, Rset = 1.91 kΩ, internal reference, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY (CONTINUED)
IDVDD
Digital supply current
AVDD = 3.3 V, DVDD = 1.8 V, 4
× interpolation,
PLL on, 9-MHz IF, 400 MSPS
107
140
mA
ISLEEP3.3 Sleep mode
Sleep mode, supply current 3.3 V
6
12
mA
ISLEEP1.8 Sleep mode
Sleep mode, supply current 1.8 V
0.5
3
mA
IPLLVDD
PLL supply current(1)
Fdata = 100 MSPS, Fupdate = 400 MSPS,
DIV[1:0] = ’00’, AVDD = 3.3 V, DVDD = 1.8 V, 4
×
interpolation, PLL on, 9-MHz IF, 400 MSPS
23
35
mA
IIOVDD
Buffer supply current
AVDD = 3.3 V, DVDD = 1.8 V, 4
× interpolation,
PLL on, 9-MHz IF, 400 MSPS
4
10
mA
ICLKVDD
Clock supply current(1)
AVDD = 3.3 V, DVDD = 1.8 V, 4
× interpolation,
PLL on, 9-MHz IF, 400 MSPS
6
10
mA
PD
Power dissipation
AVDD = 3.3 V, DVDD = 1.8 V, 4
× interpolation,
PLL on, 9-MHz IF, 400 MSPS
435
550
mW
APSRR
Power supply rejection ratio
−0.2
0.2
%FSR/V
DPSRR
−0.2
0.2
%FSR/V
Operating range
−40
85
°C
Specifications subject to change without notice.
(1) PLL enabled
AC ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 1.8 V, DVDD = 1.8 V,
IOUTFS = 20 mA, differential transformer coupled output, 50-
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
fCLK
Maximum output update rate
400
MSPS
ts(DAC)
Output settling time to 0.1%
Midscale transition
20
ns
tr(IOUT)
Output rise time 10% to 90%(1)
1.4
ns
tf(IOUT)
Output fall time 90% to 10%(1)
1.5
ns
Output noise
IOUTFS = 20 mA
55
pA/
√HZ
Output noise
IOUTFS = 2 mA
30
pA/
√HZ
AC LINEARITY 1:1 IMPEDANCE RATIO TRANSFORMER (ALL AC MEASUREMENTS PLLVDD = 0 V)
Spurious free dynamic range (First
fDATA = 52 MSPS, fOUT = 14 MHz, TA = 25_C
85
SFDR
Spurious free dynamic range (First
Nyquist zone < fDATA/2) X4 LL-mode
fDATA = 100 MSPS, fOUT = 21 MHz, TMIN to TMAX
76
dBc
SFDR
Nyquist zone < fDATA/2) X4 LL-mode
fDATA = 100 MSPS, fOUT = 41 MHz, TMIN to TMAX
71
dBc
SNR
Signal-to-noise ratio (First Nyquist
fDATA = 78 MSPS, fOUT = 20 MHz, TMIN to TMAX
71
dB
SNR
Signal-to-noise ratio (First Nyquist
zone < fDATA/2) X4 LL-mode
fDATA = 100 MSPS, fOUT = 20 MHz, TMIN to TMAX
70
dB
ACPR
Adjacent channel power ratio
W-CDMA signal with 3.84-MHz BW
fDATA = 61.44 MSPS, IF = 15.360 MHz, X4 LL-mode
74
dB
ACPR
W-CDMA signal with 3.84-MHz BW
5-MHz channel spacing
fDATA = 122.88 MSPS, IF = 30.72 MHz, X2 L-mode
69
dB
IMD3
Third-order, two-tone intermodulation
fDATA = 61.44 MSPS, fOUT = 45.4 and 46.4 MHz,
X4 HL-mode
68
dBc
IMD3
Third-order, two-tone intermodulation
(each tone at −6 dBFS)
fDATA = 61.44 MSPS, fOUT = 15.1 and 16.1 MHz,
X4 LL-mode
82
dBc
IMD
Four-tone Intermodulation to Nyquist
fDATA = 78 MSPS fOUT = 15.6 MHz, 15.8 MHz,
16.2 MHz, 16.4 MHz, X4 LL-mode
76
dBc
IMD
Four-tone Intermodulation to Nyquist
(each tone at –12 dBFS)
fDATA = 52 MSPS fOUT = 68.8 MHz, 69.6 MHz,
71.2 MHz, 72 MHz, X4 HH-mode
64
dBc
(1) Measured single-ended into 50-Ω load.


유사한 부품 번호 - DAC5674_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5674IPHP TI1-DAC5674IPHP Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPG4 TI1-DAC5674IPHPG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPR TI1-DAC5674IPHPR Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPRG4 TI1-DAC5674IPHPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC5674_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
[Old version datasheet]   14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com