전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA1538L-QM1-Y 데이터시트(PDF) 7 Page - Unisonic Technologies

부품명 UA1538L-QM1-Y
상세설명  4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA1538L-QM1-Y 데이터시트(HTML) 7 Page - Unisonic Technologies

Back Button UA1538L-QM1-Y Datasheet HTML 3Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 4Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 5Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 6Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 7Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 8Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 9Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 10Page - Unisonic Technologies UA1538L-QM1-Y Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UA1538
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 21
www.unisonic.com.tw
QW-R109-023,C
ABSOLUTE MAXIMUM RATINGS (TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 2)
VCC
13.5
V
Driver Output Current
IO
500
mA
Power Dissipation
PD
625
mW
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. VCC shows input voltage of VSYS1,VSYS2, HVCC, BATT and CHGVCC.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Control Circuit Power Supply Voltage
VSYS1
2.7
3.2
5.5
V
Pre-Driver Circuit Power Supply Voltage
VSYS2
2.7
3.2
5.5
V
H-Bridge Power Supply Voltage
HVCC
PWM
BATT
V
Power Supply Voltage
BATT
1.5
2.4
8.0
V
Charging Circuit Power Supply Voltage
CHGVCC
3.0
4.5
8.0
V
Operating Temperature
TA
-10
25
70
ELECTRICAL CHARACTERISTICS
(TA=25℃, BATT=2.4V, VSYS1=VSYS2=3.2V, VREF=1.6V, CHGVCC=0V, fCLK=88.2kHz, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
COMMON SECTION
BATT Stand-by Current
IST
BATT=9.0V, VSYS1=VSYS2=VREF=0V
0
3
μA
BATT Supply Current (No load)
IBAT
HVCC=0.45V, MUTE34=3.2V
2.5
4.0
mA
VSYS1 Supply Current (No load)
ISYS1
HVCC=0.45V, MUTE34=3.2V, EI=0V
4.5
mA
VSYS2 Supply Current (No load)
ISYS2
HVCC=0.45V, MUTE34=3.2V
4.1
5.5
mA
CHGVCC Supply Current (No load)
ICGVCC
CHGVCC=4.5V, ROUT=OPEN
0.65
2.00
mA
H-BRIDGE DRIVER PART
Voltage Gain ch1,ch3.ch4
GVC134
12
14
16
dB
Voltage Gain ch2
GVC2
21.5
23.5
24.5
dB
Gain Error By Polarity
G
VC
-2
0
2
dB
Input pin resistance ch1,ch3,ch4
RIN134
IN=1.7V and 1.8V
9
11
13
kΩ
Input pin resistance ch2
RIN2
IN=1.7V and 1.8V
6
7.5
9
kΩ
Maximum Output Voltage
VOUT
RL=8Ω,HVCC=BATT=4.0V IN=0-3.2V
1.9
2.1
V
Saturation Voltage (Lower)
VSATL
IO=-300mA, IN=0 and 3.2V
240
400
mV
Saturation Voltage (Upper)
VSATU
IO=-300mA, IN=0 and 3.2V
240
400
mV
Input Offset Voltage
VOI
-8
0
8
mV
Output Offset Voltage ch1,ch3,ch4
VOO134
VREF=IN=1.6V
-50
0
50
mV
Output Offset Voltage ch2
VOO2
VREF=IN=1.6V
-130
0
130
mV
Dead Zone
VDB
-10
0
10
mV
BRAKE1ON Threshold Voltage
VBRON
IN1=1.8V
2.0
V
BRAKE1OFF Threshold Voltage
VBROFF
IN1=1.8V
0.8
V
MUTE2 ON Threshold Voltage
VM2ON
IN2=1.8V
2.0
V


유사한 부품 번호 - UA1538L-QM1-Y

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UA1538L-QM1-Y UTC-UA1538L-QM1-Y Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results

유사한 설명 - UA1538L-QM1-Y

제조업체부품명데이터시트상세설명
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com