전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP15A 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 GP15A
상세설명  1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GP15A 데이터시트(HTML) 3 Page - Micro Commercial Components

  GP15A Datasheet HTML 1Page - Micro Commercial Components GP15A Datasheet HTML 2Page - Micro Commercial Components GP15A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
100
4
0
10
20
30
8
Figure 4
Maximum Non-Repetitive Forward Surge
Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
40
50
60
GP15A thru GP15M
www.mccsemi.com
MCC


유사한 부품 번호 - GP15A

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
GP15A ZOWIE-GP15A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP15A GE-GP15A Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP15A VISHAY-GP15A Datasheet
76Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Taiwan Semiconductor Co...
GP15A TSC-GP15A Datasheet
65Kb / 2P
   1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
More results

유사한 설명 - GP15A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
RGP15A MCC-RGP15A Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
GP30A MCC-GP30A Datasheet
80Kb / 3P
   3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP10A MCC-GP10A Datasheet
84Kb / 3P
   1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
GP20A MCC-GP20A Datasheet
80Kb / 3P
   2.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
1N5391GP MCC-1N5391GP_13 Datasheet
451Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
1N5391GP MCC-1N5391GP Datasheet
78Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
RGP30A MCC-RGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N5391GP CHENYI-1N5391GP Datasheet
48Kb / 3P
   1.5 Amp Glass Passivated Rectifier 50-1000 Volts
logo
Micro Commercial Compon...
1N5391GP MCC-1N5391GP_11 Datasheet
429Kb / 4P
   1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts
RGP10A MCC-RGP10A Datasheet
85Kb / 3P
   1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com