전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2731 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2731
상세설명   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2731 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM2731 Datasheet HTML 7Page - Texas Instruments LM2731 Datasheet HTML 8Page - Texas Instruments LM2731 Datasheet HTML 9Page - Texas Instruments LM2731 Datasheet HTML 10Page - Texas Instruments LM2731 Datasheet HTML 11Page - Texas Instruments LM2731 Datasheet HTML 12Page - Texas Instruments LM2731 Datasheet HTML 13Page - Texas Instruments LM2731 Datasheet HTML 14Page - Texas Instruments LM2731 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The LM2731 device is a switching converter IC that operates at a fixed frequency (0.6 or 1.6 MHz) for fast
transient response over a wide input voltage range and incorporates pulse-by-pulse current limiting protection.
Because this is current mode control, a 33-m
Ω sense resistor in series with the switch FET is used to provide a
voltage (which is proportional to the FET current) to both the input of the pulse width modulation (PWM)
comparator and the current limit amplifier.
7.1.1 Theory of Operation
At the beginning of each cycle, the S-R latch turns on the FET. As the current through the FET increases, a
voltage (proportional to this current) is summed with the ramp coming from the ramp generator and then fed into
the input of the PWM comparator. When this voltage exceeds the voltage on the other input (coming from the
Gm amplifier), the latch resets and turns the FET off. Because the signal coming from the Gm amplifier is derived
from the feedback (which samples the voltage at the output), the action of the PWM comparator constantly sets
the correct peak current through the FET to keep the output voltage in regulation.
Q1 and Q2 along with R3 - R6 form a bandgap voltage reference used by the IC to hold the output in regulation.
The currents flowing through Q1 and Q2 will be equal, and the feedback loop will adjust the regulated output to
maintain this. Because of this, the regulated output is always maintained at a voltage level equal to the voltage at
the FB node "multiplied up" by the ratio of the output resistive-divider.
The current limit comparator feeds directly into the flip-flop that drives the switch FET. If the FET current reaches
the limit threshold, the FET is turned off and the cycle terminated until the next clock pulse. The current limit
input terminates the pulse regardless of the status of the output of the PWM comparator.
7.2 Functional Block Diagram
7.3 Feature Description
The LM2731 is a fixed-frequency boost regulator IC that delivers a minimum 1.8-A peak switch current.
The device provides cycle-by-cycle current limit protection as well as thermal shutdown protection. The device
can also be controlled through the shutdown pin.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2731


유사한 부품 번호 - LM2731

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731 Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
More results

유사한 설명 - LM2731

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com