전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2731XMF 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2731XMF
상세설명   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM2731XMF Datasheet HTML 4Page - Texas Instruments LM2731XMF Datasheet HTML 5Page - Texas Instruments LM2731XMF Datasheet HTML 6Page - Texas Instruments LM2731XMF Datasheet HTML 7Page - Texas Instruments LM2731XMF Datasheet HTML 8Page - Texas Instruments LM2731XMF Datasheet HTML 9Page - Texas Instruments LM2731XMF Datasheet HTML 10Page - Texas Instruments LM2731XMF Datasheet HTML 11Page - Texas Instruments LM2731XMF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
VIN (V)
0
50
100
150
200
250
300
350
2
2.1
2.2
2.3
2.4
2.5
2.6
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
1.222
1.223
1.224
1.225
1.226
1.227
1.228
1.229
1.23
1.231
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Vin = 5V
Vin = 3.3V
TEMPERATURE (
oC)
340
345
350
355
360
365
370
375
380
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-50
-25
0
25
50
75
100
125
150
LM2731
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: VIN = 5 V, SHDN pin tied to VIN.
Figure 8. Feedback Bias Current vs Temperature
Figure 7. Iq VIN (Idle) vs Temperature
Figure 9. Feedback Voltage vs Temperature
Figure 10. RDS(ON) vs Temperature
Figure 11. Current Limit vs Temperature
Figure 12. RDS(ON) vs VIN
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2731


유사한 부품 번호 - LM2731XMF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2731XMF NSC-LM2731XMF Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMF NSC-LM2731XMF Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF/NOPB TI1-LM2731XMF/NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2731XMFX NSC-LM2731XMFX Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731XMFX NSC-LM2731XMFX Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
More results

유사한 설명 - LM2731XMF

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com