전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3310 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3310
상세설명  Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3310 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3310 Datasheet HTML 6Page - Texas Instruments LM3310 Datasheet HTML 7Page - Texas Instruments LM3310 Datasheet HTML 8Page - Texas Instruments LM3310 Datasheet HTML 9Page - Texas Instruments LM3310 Datasheet HTML 10Page - Texas Instruments LM3310 Datasheet HTML 11Page - Texas Instruments LM3310 Datasheet HTML 12Page - Texas Instruments LM3310 Datasheet HTML 13Page - Texas Instruments LM3310 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
JUNCTION TEMPERATURE (°C)
0.66
0.69
0.72
0.75
0.78
0.81
0.84
-40 -25 -10 5
20 35 50 65 80 95 110 125
VIN = 7.0V
VIN = 2.5V
GPM Disabled
JUNCTION TEMPERATURE (°C)
0.93
0.99
1.02
1.08
1.14
1.23
-40 -25 -10 5
20 35 50 65 80 95 110 125
GPM Enabled
VIN = 7.0V
VIN = 2.5V
0.96
1.05
1.11
1.17
1.20
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
0.66
0.69
0.72
0.75
0.78
0.81
0.84
J
= -40°C
T
J
= 25°C
T
J
= 125°C
T
GPM Disabled
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
INPUT VOLTAGE (V)
0.93
0.96
1.02
1.05
1.11
1.14
1.20
J
= 125°C
T
J
= 25°C
T
J
= -40°C
T
0.99
1.08
1.17
GPM Enabled
3.3
3.9
4.5
5.1
5.7
6.3
6.9
INPUT VOLTAGE (V)
2.12
2.14
2.16
2.18
2.2
2.22
2.24
2.26
2.28
2.3
2.32
2.7
VOUT = 8V
VOUT = 10V
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
1.36
1.38
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
V
= 2.5V
IN
V
= 7.0V
IN
LM3310
SNVS341E – AUGUST 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
1.28MHz Switching Frequency
Switch Current Limit
vs.
vs.
Temperature
Input Voltage
Figure 17.
Figure 18.
Non-Switching Quiescent Current
Non-Switching Quiescent Current
vs.
vs.
Input Voltage
Input Voltage
GPM Disabled
GPM Enabled
Figure 19.
Figure 20.
Non-Switching Quiescent Current
Non-Switching Quiescent Current
vs.
vs.
Temperature
Temperature
GPM Disabled
GPM Enabled
Figure 21.
Figure 22.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3310


유사한 부품 번호 - LM3310

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3310 NSC-LM3310 Datasheet
1Mb / 25P
   Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310 NSC-LM3310 Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310SQ NSC-LM3310SQ Datasheet
1Mb / 25P
   Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310SQ NSC-LM3310SQ Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310SQX NSC-LM3310SQX Datasheet
1Mb / 25P
   Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
More results

유사한 설명 - LM3310

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3310 NSC-LM3310 Datasheet
1Mb / 25P
   Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3310 NSC-LM3310_07 Datasheet
1Mb / 26P
   Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
LM3311 NSC-LM3311_07 Datasheet
2Mb / 32P
   Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
LM3311 NSC-LM3311 Datasheet
2Mb / 29P
   Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
   Step-up PWM DC/DC Converter Integrated with 4 Buffers
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
   Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
Eutech Microelectronics...
EUP2644 EUTECH-EUP2644 Datasheet
105Kb / 1P
   TFT LCD DC-DC Converter with Integrated LDO, OP-AMP and GPM Switch
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com