전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93334 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 93334
상세설명  HIGH ENERGY IGNITION CIRCUIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

93334 데이터시트(HTML) 2 Page - Unisonic Technologies

  93334_15 Datasheet HTML 1Page - Unisonic Technologies 93334_15 Datasheet HTML 2Page - Unisonic Technologies 93334_15 Datasheet HTML 3Page - Unisonic Technologies 93334_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
93334
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R121-006.C
PIN CONFIGURATION
BLOCK DIAGRAM AND TYPICAL APPLICATION
Component Values
Pickup
Series resistance = 800Ω±10% @ 25℃, inductance= 1.35H @ 1.0kHz @ 15Vrms
Coil
Leakage L=0.6mH, primary R=0.43Ω±5% @ 25℃, primary L=7.5mH ~ 8.5mH @ 5.0A
RL
Load resistor for pickup=12KΩ±20%
R1, R2
Input buffer resistors provide additional transient protection to the already clamped
inputs=20k±20%
C1, C2
For reduction of high frequency noise and spark transients induced in pick-up and leads;
optional and non-critical
RBAT
Provides load dump protection (but small enough to allow operation at VBAT =4.0V) =300Ω±20%
CFilter
Transient filter on VCC, non-critical
CDWELL
Stores reference, circuit designed for 0.1μF±20%
RGAIN
RGAIN/RD1 sets the DC gain of the current regulator =5.0k±20%
RD2
RD2/RD1 set up voltage feedback from RS
RS
Sense resistor (PDAG in thick film techniques) =0.075Ω±30%
RDRIVE
Low enough to supply drive to the output Darlington, high enough to keep VCE(SAT) of the IC
below Darlington turn-on during load dump = 100Ω±20%, 5.0W
RD1
Starting with 35Ω assures less than 5.5A, increasing as required to set 5.5A
RD1=(IO(PEAK) RS – VREF)/((VREF/RD2)-(1.4/RGAIN))-(≈100Ω)


유사한 부품 번호 - 93334_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
93334 UTC-93334_16 Datasheet
203Kb / 4P
   HIGH ENERGY IGNITION CIRCUIT
More results

유사한 설명 - 93334_15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
93334 UTC-93334_16 Datasheet
203Kb / 4P
   HIGH ENERGY IGNITION CIRCUIT
93334 UTC-93334 Datasheet
118Kb / 5P
   HIGH ENERGY IGNITION CIRCUIT
93334 UTC-93334_07 Datasheet
191Kb / 5P
   HIGH ENERGY IGNITION CIRCUIT
logo
NXP Semiconductors
MC3334P NXP-MC3334P Datasheet
13Mb / 4P
   HIGH ENERGY IGNITION CIRCUIT
REV. 0
logo
Motorola, Inc
MC3334P MOTOROLA-MC3334P Datasheet
13Mb / 4P
   HIGH ENERGY IGNITION CIRCUIT
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
LIC01-SERIES STMICROELECTRONICS-LIC01-SERIES Datasheet
60Kb / 6P
   LIGHT IGNITION CIRCUIT
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
   Electronic Ignition Control Circuit
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
   ELECTRONIC IGNITION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com