전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL2110ABZ 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL2110ABZ
상세설명  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2110ABZ 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL2110ABZ Datasheet HTML 1Page - Intersil Corporation ISL2110ABZ Datasheet HTML 2Page - Intersil Corporation ISL2110ABZ Datasheet HTML 3Page - Intersil Corporation ISL2110ABZ Datasheet HTML 4Page - Intersil Corporation ISL2110ABZ Datasheet HTML 5Page - Intersil Corporation ISL2110ABZ Datasheet HTML 6Page - Intersil Corporation ISL2110ABZ Datasheet HTML 7Page - Intersil Corporation ISL2110ABZ Datasheet HTML 8Page - Intersil Corporation ISL2110ABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6295.6
March 8, 2012
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB - VHS (Notes 4, 5) . . . . . . . . -0.3V to 18V
LI and HI Voltages (Note 5) . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on LO (Note 5) . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Voltage on HO (Note 5) . . . . . . . . . . . . . . VHS - 0.3V to VHB + 0.3V
Voltage on HS (Continuous) (Note 5) . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118V
Average Current in VDD to HB Diode . . . . . . . . . . . . . . . . . . 100mA
Maximum Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 14V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB. . . . .VHS+7V to VHS+14V and VDD - 1V to VDD+100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld SOIC (Notes 6, 10). . . . . . . . . . . .
95
46
10 Ld TDFN (Notes 7, 8) . . . . . . . . . . .
42
5.5
12 Ld DFN (Notes 7, 8) . . . . . . . . . . . .
40
5.5
8 Ld DFN (Notes 7, 8) . . . . . . . . . . . . .
40
4.0
Max Power Dissipation at +25°C in Free Air
8 Ld SOIC (Notes 6, 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3W
10 Ld TDFN (Notes 7, 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0W
12 Ld DFN (Notes 7, 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1W
8 Ld DFN (Notes 7, 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1W
Storage Temperature Range . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . -55°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
4. The ISL2110 and ISL2111 are capable of derated operation at supply voltages exceeding 14V. Figure 22 shows the high-side voltage derating
curve for this mode of operation.
5. All voltages referenced to VSS unless otherwise specified.
6.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board. See Tech Brief TB379 for details.
7.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, unless otherwise specified.
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
(Note 9)
MAX
(Note 9)
SUPPLY CURRENTS
VDD Quiescent Current
IDD
ISL2110; LI = HI = 0V
-
0.1
0.25
-
0.3
mA
VDD Quiescent Current
IDD
ISL2111; LI = HI = 0V
-
0.3
0.45
-
0.55
mA
VDD Operating Current
IDDO
ISL2110; f = 500kHz
-
3.4
5.0
-
5.5
mA
VDD Operating Current
IDDO
ISL2111; f = 500kHz
-
3.5
5.0
-
5.5
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
0.1
0.15
-
0.2
mA
Total HB Operating Current
IHBO
f = 500kHz
-
3.4
5.0
-
5.5
mA
HB to VSS Current, Quiescent
IHBS
LI = HI = 0V; VHB = VHS = 114V
-
0.05
1.5
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz; VHB = VHS = 114V
-
1.2
-
-
-
mA
INPUT PINS
Low Level Input Voltage Threshold
VIL
ISL2110
3.7
4.4
-
3.5
-
V
Low Level Input Voltage Threshold
VIL
ISL2111
1.4
1.8
-
1.2
-
V
High Level Input Voltage Threshold
VIH
ISL2110
-
6.6
7.4
-
7.6
V
High Level Input Voltage Threshold
VIH
ISL2111
-
1.8
2.2
-
2.4
V
Input Voltage Hysteresis
VIHYS
ISL2110
-
2.2
-
-
-
V
Input Pull-Down Resistance
RI
-
210
-
100
500
k
Ω
ISL2110, ISL2111


유사한 부품 번호 - ISL2110ABZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2110ABZ RENESAS-ISL2110ABZ Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results

유사한 설명 - ISL2110ABZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com