전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0102-EP 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL0102-EP
상세설명  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-EP 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPL0102-EP Datasheet HTML 7Page - Texas Instruments TPL0102-EP Datasheet HTML 8Page - Texas Instruments TPL0102-EP Datasheet HTML 9Page - Texas Instruments TPL0102-EP Datasheet HTML 10Page - Texas Instruments TPL0102-EP Datasheet HTML 11Page - Texas Instruments TPL0102-EP Datasheet HTML 12Page - Texas Instruments TPL0102-EP Datasheet HTML 13Page - Texas Instruments TPL0102-EP Datasheet HTML 14Page - Texas Instruments TPL0102-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C011
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C009
±1.00
±0.90
±0.80
±0.70
±0.60
±0.50
±0.40
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C010
10
20
30
40
50
60
70
80
90
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C007
10
20
30
40
50
60
70
80
90
±40
±20
0
20
40
60
80
100
120
Free-Air Temperature (
ƒC)
2.7 V
5.5 V
C007
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
Typical Characteristics (continued)
Figure 8. Wiper Resistance (RW) vs Temperature
Figure 9. End-to-End Resistance (Between H and L Pins) vs
Temperature
Figure 10. Zero-Scale Error vs Temperature
Figure 11. Full-Scale Error vs Temperature
Figure 12. Offset vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11


유사한 부품 번호 - TPL0102-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

유사한 설명 - TPL0102-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com