전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320DM6446-HIREL 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SM320DM6446-HIREL
상세설명  Digital Media System-on-Chip
Download  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM320DM6446-HIREL 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SM320DM6446-HIREL_15 Datasheet HTML 6Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 7Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 8Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 9Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 10Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 11Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 12Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 13Page - Texas Instruments SM320DM6446-HIREL_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 228 page
background image
2.3.5
Tightly Coupled Memory (TCM)
2.3.6
Advanced High-Performance Bus (AHB)
2.3.7
Embedded Trace Macrocell (ETM) and Embedded Trace Buffer (ETB)
2.3.8
ARM Memory Mapping
2.3.8.1 ARM Internal Memories
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
• Cache maintenance operations provide efficient invalidation of, the entire Dcache or Icache, regions of
the Dcache or Icache, and regions of virtual memory.
The write buffer is used for all writes to a noncachable bufferable region, write-through region and write
misses to a write-back region. A separate buffer is incorporated in the Dcache for holding write-back for
cache line evictions or cleaning of dirty cache lines. The main write buffer has 16-word data buffer and a
four-address buffer. The Dcache write-back has eight data word entries and a single address entry.
ARM internal RAM is provided for storing real-time and performance-critical code/data and the Interrupt
Vector table. ARM internal ROM enables non-EMIFA boot options, such as NAND and UART. The RAM
and ROM memories interfaced to the ARM926EJ-S via the tightly coupled memory interface that provides
for separate instruction and data bus connections. Since the ARM TCM does not allow instructions on the
D-TCM bus or data on the I-TCM bus, an arbiter is included so that both data and instructions can be
stored in the internal RAM/ROM. The arbiter also allows accesses to the RAM/ROM from extra-ARM
sources (e.g., EDMA or other masters). The ARM926EJ-S has built-in DMA support for direct accesses to
the ARM internal memory from a non-ARM master. Because of the time-critical nature of the TCM link to
the ARM internal memory, all accesses from non-ARM devices are treated as DMA transfers.
Instruction and Data accesses are differentiated via accessing different memory map regions, with the
instruction region from 0x0000 through 0x7FFF and data from 0x8000 through 0xFFFF. The instruction
region at 0x0000 and data region at 0x8000 map to the same physical 16KB TCM RAM. Placing the
instruction region at 0x0000 is necessary to allow the ARM Interrupt Vector table to be placed at 0x0000,
as required by the ARM architecture. The internal 16-KB RAM is split into two physical banks of 8KB
each, which allows simultaneous instruction and data accesses to be accomplished if the code and data
are in separate banks.
The ARM Subsystem uses the AHB port of the ARM926EJ-S to connect the ARM to the Config bus and
the external memories. Arbiters are employed to arbitrate access to the separate D-AHB and I-AHB by the
Config Bus and the external memories bus.
To support real-time trace, the ARM926EJ-S processor provides an interface to enable connection of an
Embedded Trace Macrocell (ETM). The ARM926ES-J Subsystem in the DM6446 also includes the
Embedded Trace Buffer (ETB). The ETM consists of two parts:
• Trace Port provides real-time trace capability for the ARM9.
• Triggering facilities provide trigger resources, which include address and data comparators, counter,
and sequencers.
The DM6446 trace port is not pinned out and is instead only connected to the Embedded Trace Buffer.
The ETB has a 4KB buffer memory. ETB enabled debug tools are required to read/interpret the captured
trace data.
The ARM memory map is shown in Section 2.5, Memory Map Summary of this document. The ARM has
access to memories shown in the following sections.
The ARM has access to the following ARM internal memories:
• 16KB ARM Internal RAM on TCM interface, logically separated into two 8KB pages to allow
simultaneous access on any given cycle if there are separate accesses for code (I-TCM bus) and data
(D-TCM) to the different memory regions.
• 8KB ARM Internal ROM
Device Overview
10
Submit Documentation Feedback


유사한 부품 번호 - SM320DM6446-HIREL_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320DM6446-HIREL TI1-SM320DM6446-HIREL Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
More results

유사한 설명 - SM320DM6446-HIREL_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com