전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RGP10A 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 RGP10A
부품 상세설명  1.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RGP10A 데이터시트(HTML) 1 Page - Micro Commercial Components

  RGP10A Datasheet HTML 1Page - Micro Commercial Components RGP10A Datasheet HTML 2Page - Micro Commercial Components RGP10A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RGP10A
THRU
RGP10M
Features
High temperature metallurgically bonded construction
Glass passivated cavity-free junction
1.0 ampere operation at TA= 55
OC with no
thermal runaway.
Typical IR less than 0.1uA
Fast switching for high efficiency
Maximum Ratings
Operating Temperature: -55
OC to +150CC
Storage Temperature: -55
CC to +150CC
Typical Thermal Resistance: 55
OC/W Junction to Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
RGP10A
50V
35V
50V
RGP10B
100V
70V
100V
RGP10D
200V
140V
200V
RGP10G
400V
280V
400V
RGP10J
600V
420V
600V
RGP10K
800V
560V
800V
RGP10M
1000V
700V
1000V
Electrical Characteristics @ 25OC Unless Otherwise Specified
Maximum Average
Forward Current
IF(AV)
1.0 A
TA = 55
OC
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
200uA
TA = 25
OC
TA = 150
OC
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
RGP10A-10G
RGP10J
RGP10K-10M
Trr
150nS
250nS
500nS
TJ=25
OC
IF=0.5A
IR=1.0A
IRR=0.25A
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
www.mccsemi.com
DO-41
A
B
C
D
D
Cathode
Mark
1.0 Amp Glass
Passivated Junction
Fast Recovery
Rectifiers
50 to 1000 Volts
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn