전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC204DW 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CDC204DW
상세설명  HEX INVERTER/CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDC204DW 데이터시트(HTML) 5 Page - Texas Instruments

  CDC204DW Datasheet HTML 1Page - Texas Instruments CDC204DW Datasheet HTML 2Page - Texas Instruments CDC204DW Datasheet HTML 3Page - Texas Instruments CDC204DW Datasheet HTML 4Page - Texas Instruments CDC204DW Datasheet HTML 5Page - Texas Instruments CDC204DW Datasheet HTML 6Page - Texas Instruments CDC204DW Datasheet HTML 7Page - Texas Instruments CDC204DW Datasheet HTML 8Page - Texas Instruments CDC204DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CDC204
HEX INVERTER/CLOCK DRIVER
SCAS098E – OCTOBER 1989– REVISED OCTOBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1A – 6A
Y1
Y2
Y3
Y4
Y5
Y6
tPLH1
tPLH2
tPLH3
tPLH4
tPLH5
tPLH6
tPHL1
tPHL2
tPHL3
tPHL4
tPHL5
tPHL6
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
NOTE A: Output skew, tsk(o), is calculated as the greater of:
– The difference between the fastest and slowest of tPHLn (n = 1, 2, ..., 6)
– The difference between the fastest and slowest of tPLHn (n = 1, 2, ..., 6)
Figure 2. Waveforms for Calculation of tsk(o)


유사한 부품 번호 - CDC204DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC204DW TI-CDC204DW Datasheet
105Kb / 7P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
More results

유사한 설명 - CDC204DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC204 TI-CDC204 Datasheet
105Kb / 7P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC203 TI-CDC203 Datasheet
89Kb / 6P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
CDC203 TI1-CDC203_11 Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com