전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

0638270500 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 0638270500
부품 상세설명  Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0638270500 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  0638270500 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0638270500
Status:
Active
Description:
Hand Crimp Tool for 1.78mm (.070") Tab Female Crimp Terminals
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above. Type: 4A
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
887191385648
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-6382705HM
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
1.78mm (.070") Tab Female Crimp
Terminals, 14 AWG - UL1007 35028
This document was generated on 10/13/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 0638270500

제조업체부품명데이터시트부품 상세설명
Molex Electronics Ltd.
Molex Electronics Ltd.
0638270100 MOLEX11-0638270100 Datasheet
33Kb / 1P
   Hand Crimp Tool For 3.30mm (.130) Pitch Crimp Receptacle Terminals
0638270100 MOLEX-0638270100 Datasheet
37Kb / 1P
   Hand Crimp Tool For 3.30mm (.130") Pitch Crimp Receptacle Terminals
11/02/2021
0638270300 MOLEX11-0638270300 Datasheet
33Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
0638270400 MOLEX11-0638270400 Datasheet
29Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
0638270600 MOLEX11-0638270600 Datasheet
29Kb / 1P
   Hand Crimp Tool for .187 Receptacle Terminal
More results

유사한 설명 - 0638270500

제조업체부품명데이터시트부품 상세설명
Molex Electronics Ltd.
Molex Electronics Ltd.
0638270300 MOLEX11-0638270300 Datasheet
33Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
ATS-638270300 MOLEX-ATS-638270300 Datasheet
986Kb / 7P
   Hand Crimp Tool for 1.78mm (.070") Tab Female Crimp Terminals
07-17-15
0638270400 MOLEX11-0638270400 Datasheet
29Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
63900-2000 MOLEX-63900-2000 Datasheet
175Kb / 5P
   Fine Adjust Applicator for 1.78mm (.070") Tab Female Crimp Terminals
11-08-07
63811-5300 MOLEX11-63811-5300 Datasheet
42Kb / 1P
   Hand Crimp Tool for Crimp Terminals
63823-3300 MOLEX11-63823-3300 Datasheet
32Kb / 1P
   Hand Crimp Tool for Crimp Terminals
0638116700 MOLEX-0638116700 Datasheet
34Kb / 1P
   Hand Crimp Tool for Crimp Terminals
11/02/2021
63811-6700 MOLEX11-63811-6700 Datasheet
37Kb / 1P
   Hand Crimp Tool for Crimp Terminals
63819-1000 MOLEX11-63819-1000 Datasheet
42Kb / 1P
   Hand Crimp Tool for Crimp Terminals
63819-9500 MOLEX11-63819-9500 Datasheet
38Kb / 1P
   Hand Crimp Tool for Crimp Terminals
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com