전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28177FBZ-T7 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL28177FBZ-T7
상세설명  40V General Purpose Precision Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28177FBZ-T7 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL28177FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 14Page - Intersil Corporation ISL28177FBZ-T7 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ISL28177
11
FN7859.2
April 5, 2012
Characterization vs Simulation Results
FIGURE 24. CHARACTERIZED INPUT NOISE VOLTAGE
FIGURE 25. SIMULATED INPUT NOISE VOLTAGE
FIGURE 26. CHARACTERIZED CLOSED LOOP GAIN vs FREQUENCY
FIGURE 27. SIMULATED CLOSED LOOP GAIN vs FREQUENCY
FIGURE 28. CHARACTERIZED SMALL SIGNAL TRANSIENT
RESPONSE vs RL, VS = ±0.9V, ±2.5V
FIGURE 29. SIMULATED SMALL SIGNAL TRANSIENT
RESPONSE VS = ±15V
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1
10
100
1000
10000
1
10
100
1000
10000
VS = ±18V
INPUT NOISE VOLTAGE
INPUT NOISE CURRENT
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1
10
100
1000
10000
INPUT NOISE VOLTAGE
VS = ±15V
-10
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
ACL = 1
ACL = 10
ACL = 1001
VS = ±15V
CL = 4pF
VOUT = 50mVP-P
RL = OPEN
ACL = 101
RF = 0, RG = ∞
RF = 100kΩ, RG = 100
RF = 100kΩ, RG = 1k
RF = 100kΩ, RG = 11kΩ
-10
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
ACL = 1
ACL = 10
ACL = 1001
VS = ±15V
CL = 4pF
VOUT = 50mVP-P
RL = OPEN
ACL = 101
RF = 100kΩ, RG = 11kΩ
RF = 100kΩ, RG = 1k
RF = 100kΩ, RG = 100
RF = 0, RG = ∞
TIME (µs)
-40
-30
-20
-10
0
10
20
30
40
0
123
45
6
789
10
AV = 1
RL = 2k AND 10k
CL = 4pF
VS = ±5V
VS = ±15V
TIME (µs)
-40
-30
-20
-10
0
10
20
30
40
0
123
456
789
10
AV = 1
RL = 10k
CL = 4pF


유사한 부품 번호 - ISL28177FBZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28177FBZ-T7 RENESAS-ISL28177FBZ-T7 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
ISL28177FBZ-T7A RENESAS-ISL28177FBZ-T7A Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
More results

유사한 설명 - ISL28177FBZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com