전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28345FBZ 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL28345FBZ
상세설명  40V Low Power Dual and Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28345FBZ 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL28345FBZ Datasheet HTML 1Page - Intersil Corporation ISL28345FBZ Datasheet HTML 2Page - Intersil Corporation ISL28345FBZ Datasheet HTML 3Page - Intersil Corporation ISL28345FBZ Datasheet HTML 4Page - Intersil Corporation ISL28345FBZ Datasheet HTML 5Page - Intersil Corporation ISL28345FBZ Datasheet HTML 6Page - Intersil Corporation ISL28345FBZ Datasheet HTML 7Page - Intersil Corporation ISL28345FBZ Datasheet HTML 8Page - Intersil Corporation ISL28345FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ISL28325, ISL28345
4
September 27, 2011
FN7854.0
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ....42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input current for Input Voltage >V+ or <V-. . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time). . . . . . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical Notes 4, 5)
θJA (°C/W)
θJC (°C/W)
8 Ld SOIC. . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
65
8 Ld MSOP. . . . . . . . . . . . . . . . . . . . . . . . . . .
160
55
14 Ld SOIC. . . . . . . . . . . . . . . . . . . . . . . . . . .
73
45
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VS ± 5V and VS ± 15V, VCM = 0, VO = 0V, TA= +25°C, unless otherwise noted. Boldface limits apply over
the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
VOS
Input Offset Voltage
-1
0.1
1
mV
TCVOS
Input VOS Temperature Coefficient
4
15
µV/C
IB
Input Bias Current
-5
0.2
5
nA
IOS
Input Offset Current
-5
0.2
5
nA
VCM
Input Voltage Range
-13
13
V
CMRR
Common-Mode Rejection Ratio
VCM = -13V to +13V
80
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±20V
80
100
dB
AVOL
Open-Loop Gain
VO = -13V to +13V, RL =10kΩ to ground
100
110
dB
VOH
Output Voltage High
RL = 10kΩ to ground
13.0
13.5
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-13.7
-13.5
V
IS
Supply Current/Amplifier
0.5
0.7
mA
0.9
mA
ISC
Short-Circuit
40
mA
VSUPPLY
Supply Voltage Range
± 2.25
± 20
V
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
AV = 1k, RL = 2kΩ
1.2
MHz
SR
Slew Rate, VOUT 20% to 80%
AV = 11, RL = 2kΩ, VO = 4VP-P
0.4
V/µs
enVp-p
Voltage Noise VP-P
0.1Hz to 10Hz
0.4
µVP-P
en
Voltage Noise Density
f = 1kHz
9
nV/
√Hz
in
Current Noise Density
f = 1kHz
0.1
pA/
√Hz
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.


유사한 부품 번호 - ISL28345FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28345FBZ INTERSIL-ISL28345FBZ Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
ISL28345FBZ INTERSIL-ISL28345FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
logo
Renesas Technology Corp
ISL28345FBZ RENESAS-ISL28345FBZ Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
More results

유사한 설명 - ISL28345FBZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325 INTERSIL-ISL28325 Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com