전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBG5371B 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 SMBG5371B
상세설명  5 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBG5371B 데이터시트(HTML) 2 Page - Micro Commercial Components

  SMBG5371B Datasheet HTML 1Page - Micro Commercial Components SMBG5371B Datasheet HTML 2Page - Micro Commercial Components SMBG5371B Datasheet HTML 3Page - Micro Commercial Components SMBG5371B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBG5333B
THRU
SMBG5388B
Features
Low profile package for surface mounting (flat handling
surface for accurate placement)
Zener Voltage 3.3V to 200V
High Surge Current Capability
For available tolerances – see note 1
Available on Tape and Reel (see EIA std RS-481)
Mechanical Data
Standard JEDEC outlines as shown
Terminals gull-wing or c-bend (modified J-bend) tin-lead plated
and solderable per MIL-STD-750, method 2026
Polarity is indicated by cathode band
Maximum temperature for soldering: 260
oC for 10 seconds.
Maximum Ratings @ 25
oC Unless Otherwise Specified
Forward Voltage at 1.0A
Current
VF
1.2 Volts
Steady State Power
Dissipation
P(AV)
5 Watts
See note 2
Operating and Storage
Temperatures
TJ, TSTG
-55
oC to
+ 150
oC
Thermal Resistance
RθJL
25
oC/W
5 Watt
Surface Mount
Silicon
Zener Diodes
Notes
1. Mounted on copper pads as shown below.
2.
Lead temperature at 25
oC = TL at mounting plane. Derate
linearly above 25
oC to zero power at 150 oC
www.mccsemi.com
 


 !"#
$%    !"#
MCC
0.070”
0.190"
0.125”
Gull Wing
PAD LAYOUT
DO-215AA
(SMBG) (Round Lead)
G
H
J
E
F
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.075
.116
1.90
2.95
B
.078
.087
1.98
2.21
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.015
.03
.38
.76
F
.065
.084
1.65
2.13
G
.245
.276
6.22
7.00
H
.160
.180
4.06
4.57
J
.130
.151
3.30
3.83


유사한 부품 번호 - SMBG5371B

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SMBG5371B MICROSEMI-SMBG5371B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
More results

유사한 설명 - SMBG5371B

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SMBG5333B MICROSEMI-SMBG5333B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Micro Commercial Compon...
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com